Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC101C021 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADC101C021
Szczegółowy opis  10-Bit Analog-to-Digital Converter
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101C021 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADC101C021_15 Datasheet HTML 7Page - Texas Instruments ADC101C021_15 Datasheet HTML 8Page - Texas Instruments ADC101C021_15 Datasheet HTML 9Page - Texas Instruments ADC101C021_15 Datasheet HTML 10Page - Texas Instruments ADC101C021_15 Datasheet HTML 11Page - Texas Instruments ADC101C021_15 Datasheet HTML 12Page - Texas Instruments ADC101C021_15 Datasheet HTML 13Page - Texas Instruments ADC101C021_15 Datasheet HTML 14Page - Texas Instruments ADC101C021_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
2
f1
2
Fn
2
f2
10
x
A
A
+
+
A
log
THD = 20
/
ADC101C021, ADC101C027
www.ti.com
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the difference, expressed in dB, between the desired signal
amplitude to the amplitude of the peak spurious spectral component, where a spurious spectral component is
any signal present in the output spectrum that is not present at the input and may or may not be a harmonic.
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dBc, of the rms total of the first n harmonic
components at the output to the rms level of the input signal frequency as seen at the output. THD is calculated
as
(1)
where Af1 is the RMS power of the input frequency at the output and Af2 through Afn are the RMS power in the
first n harmonic frequencies.
THROUGHPUT TIME is the minimum time required between the start of two successive conversions. It is the
acquisition time plus the conversion time.
LEAST SIGNIFICANT BIT (LSB) is the bit that has the smallest value or weight of all bits in a word. This value is
LSB = VA / 2
n
(2)
where VA is the supply voltage for this product, and "n" is the resolution in bits, which is 10 for the ADC101C021.
MOST SIGNIFICANT BIT (MSB) is the bit that has the largest value or weight of all bits in a word. Its value is
1/2 of VA.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC101C021 ADC101C027


Podobny numer części - ADC101C021_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
More results

Podobny opis - ADC101C021_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710C ETC2-KAD2710C Datasheet
414Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
   10-Bit, 275MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com