Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12030 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADC12030
Szczegółowy opis  12-Bit Plus Sign Serial I/O A/D Converters
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12030 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC12030 Datasheet HTML 1Page - Texas Instruments ADC12030 Datasheet HTML 2Page - Texas Instruments ADC12030 Datasheet HTML 3Page - Texas Instruments ADC12030 Datasheet HTML 4Page - Texas Instruments ADC12030 Datasheet HTML 5Page - Texas Instruments ADC12030 Datasheet HTML 6Page - Texas Instruments ADC12030 Datasheet HTML 7Page - Texas Instruments ADC12030 Datasheet HTML 8Page - Texas Instruments ADC12030 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
ADC12030, ADC12032, ADC12034
ADC12038, ADC12H030, ADC12H032
ADC12H034, ADC12H038
www.ti.com
SNAS080K – JULY 1999 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2) (3)
Positive Supply Voltage
(V+ = VA+ = VD+)
6.5V
except CH0–CH7 and
Voltage at Inputs and Outputs
−0.3V to (V+ +0.3V)
COM
Voltage at Analog Inputs
CH0–CH7 and COM
GND
−5V to (V+ +5V)
|VA+ − VD+|
300 mV
Input Current at Any Pin (4)
±30 mA
Package Input Current (4)
±120 mA
Package Dissipation at
TA = 25°C
(5)
500 mW
ESD Susceptibility (6)
Human Body Model
1500V
Soldering Information
PDIP Package (10 seconds)
260°C
SOIC Package (7)
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > VA+ or VD+), the current at that pin should be
limited to 30 mA. The 120 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of 30 mA to four.
(5)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax, θJA and the ambient temperature,
TA. The maximum allowable power dissipation at any temperature is PD = (TJmax − TA)/θJA or the number given in the Absolute
Maximum Ratings, whichever is lower.
(6)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
(7)
See AN450 “Surface Mounting Methods and Their Effect on Product Reliability” or the section titled “Surface Mount” found in any post
1986 Linear Data Book for other methods of soldering surface mount devices.
Operating Ratings
(1) (2)
Operating Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ +85°C
Supply Voltage (V+ = VA+ = VD+)
+4.5V to +5.5V
|VA+ − VD+|
≤ 100 mV
VREF+
0V to VA+
VREF
0V to (VREF+ −1V)
VREF (VREF+ − VREF−)
1V to VA+
VREF Common Mode Voltage Range
[(VREF+) − (VREF−)] / 2
0.1 VA+ to 0.6 VA+
A/DIN1, A/DIN2, MUXOUT1 and MUXOUT2 Voltage Range
0V to VA+
IN Common Mode Voltage Range
[(VIN+) − (VIN−)] / 2
0V to VA+
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise specified.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12030 ADC12032 ADC12034 ADC12038 ADC12H030 ADC12H032 ADC12H034
ADC12H038


Podobny numer części - ADC12030

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12030 NSC-ADC12030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030 NSC-ADC12030 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030CIWM NSC-ADC12030CIWM Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12030CIWM NSC-ADC12030CIWM Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results

Podobny opis - ADC12030

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC1205 NSC-ADC1205 Datasheet
327Kb / 18P
   12-Bit Plus Sign mP Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com