Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10040-Q1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC10040-Q1
Szczegółowy opis  55.5 mW A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10040-Q1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC10040-Q1 Datasheet HTML 3Page - Texas Instruments ADC10040-Q1 Datasheet HTML 4Page - Texas Instruments ADC10040-Q1 Datasheet HTML 5Page - Texas Instruments ADC10040-Q1 Datasheet HTML 6Page - Texas Instruments ADC10040-Q1 Datasheet HTML 7Page - Texas Instruments ADC10040-Q1 Datasheet HTML 8Page - Texas Instruments ADC10040-Q1 Datasheet HTML 9Page - Texas Instruments ADC10040-Q1 Datasheet HTML 10Page - Texas Instruments ADC10040-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ADC10040
www.ti.com
SNAS224M – JULY 2003 – REVISED APRIL 2013
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for VSSA = VSSIO = 0V, VDDA = +3.0V, VDDIO = +2.5V, VIN = 2 VP-P,
STBY = 0V, External VREF = 1.20V, fCLK = 40 MHz, 50% Duty Cycle, CL = 10 pF/pin. Boldface limits apply for TA = TMIN to
TMAX: all other limits TA = 25°C
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLK, DF, STBY, SENSE
Logical “1” Input Voltage
2
V
Logical “0” Input Voltage
0.8
V
Logical “1” Input Current
+10
µA
Logical “0” Input Current
−10
µA
D0–D9 OUTPUT CHARACTERISTICS
Logical “1” Output Voltage
IOUT = −0.5 mA
VDDIO − 0.2
V
Logical “0” Output Voltage
IOUT = 1.6 mA
0.4
V
DYNAMIC CONVERTER CHARACTERISTICS(4)
9.4,
9.6
Bits
fIN = 11 MHz
9.3
ENOB
Effective Number of Bits
9.4,
9.6
Bits
fIN = 19 MHz
9.3
58.7,
59.6
dB
fIN = 11 MHz
58.1
SNR
Signal-to-Noise Ratio
58.6,
59.5
dB
fIN = 19 MHz
58
58.6,
dB
fIN = 11 MHz
59.5
58
SINAD
Signal-to-Noise Ratio + Distortion
58.5,
dB
fIN = 19 MHz
59.4
57.8
−75.9,
fIN = 11 MHz
−89
dBc
−74.7
2nd HD
2nd Harmonic
−74.4,
fIN = 19 MHz
−86
dBc
−73
−69.5,
fIN = 11 MHz
−78
dBc
−67.5
3rd HD
3rd Harmonic
−68.8,
fIN = 19 MHz
−77
dBc
−66.7
−69.5,
fIN = 11 MHz
−78
dB
−67.5
Total Harmonic Distortion (First 6
THD
Harmonics)
−68.8,
f.IN = 19 MHz
−77
dB
−66.7
−75.8,
fIN = 11 MHz
−80
dBc
−74.5
Spurious Free Dynamic Range
SFDR
(Excluding 2nd and 3rd Harmonic)
−75.7,
fIN = 19 MHz
−80
dBc
−74.3
(1)
To ensure accuracy, it is required that |VDDA–VDDIO| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(2)
With the test condition for 2 VP-P differential input, the 10-bit LSB is 1.95 mV.
(3)
Typical figures are at TA = TJ = 25°C and represent most likely parametric norms. Test limits are ensured to TI's AOQL (Average
Outgoing Quality Level).
(4)
Optimum dynamic performance will be obtained by keeping the reference input in the +1.2V.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC10040


Podobny numer części - ADC10040-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040 TI1-ADC10040 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
National Semiconductor ...
ADC10040CIMT NSC-ADC10040CIMT Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040CIMT TI1-ADC10040CIMT Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
National Semiconductor ...
ADC10040CIMTX NSC-ADC10040CIMTX Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
More results

Podobny opis - ADC10040-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
ADC14L020 TI1-ADC14L020 Datasheet
815Kb / 32P
[Old version datasheet]   150 mW A/D Converter
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
ADC12L063 TI1-ADC12L063 Datasheet
1Mb / 31P
[Old version datasheet]   354 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020_06 Datasheet
909Kb / 23P
   14-Bit, 20MSPS, 150 mW A/D Converter
ADC12062 NSC-ADC12062 Datasheet
355Kb / 20P
   12-Bit, 1 MHz, 75 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com