Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12DL066 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC12DL066
Szczegółowy opis  450 MHz Input Bandwidth A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL066 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADC12DL066 Datasheet HTML 1Page - Texas Instruments ADC12DL066 Datasheet HTML 2Page - Texas Instruments ADC12DL066 Datasheet HTML 3Page - Texas Instruments ADC12DL066 Datasheet HTML 4Page - Texas Instruments ADC12DL066 Datasheet HTML 5Page - Texas Instruments ADC12DL066 Datasheet HTML 6Page - Texas Instruments ADC12DL066 Datasheet HTML 7Page - Texas Instruments ADC12DL066 Datasheet HTML 8Page - Texas Instruments ADC12DL066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
VIN A+
11-Stage Pipeline Converter
Timing
Control
S/H
Stage
1
Stage
Stage
Stage
Stage
Stage
Stage
2
3
n
9
10
11
22
CLK
2
2
2
Digital Correction
AGND
VD
DGND
Output
DA0-DA11
OEA
12
3
PD
Buffers
12
Output
Buffers
12
DB0-DB11
OEB
12
VD
DGND
Digital Correction
S/H
Stage
1
Stage
Stage
Stage
Stage
Stage
Stage
2
3
n
9
10
11
VA
AGND
11-Stage Pipeline Converter
2
2
2
22
3
Timing
Control
Bandgap
Reference
INT/EXT REF
VDR
DR GND
OF
VIN B-
VIN B+
VIN A-
VRP A
VRM A
VRN A
VRP B
VRM B
VRN B
VREF
VA
ADC12DL066
SNAS188G – FEBRUARY 2004 – REVISED FEBRUARY 2013
www.ti.com
Block Diagram
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL066


Podobny numer części - ADC12DL066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
National Semiconductor ...
ADC12DL066CIVS NSC-ADC12DL066CIVS Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066CIVS NSC-ADC12DL066CIVS Datasheet
504Kb / 24P
   Dual 12-Bit, 66Msps, 450MHz Input Bandwidth A/D Converter w/Internal Reference
More results

Podobny opis - ADC12DL066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 36P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com