Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12L066 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC12L066
Szczegółowy opis  450 MHz Bandwidth A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12L066 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC12L066 Datasheet HTML 3Page - Texas Instruments ADC12L066 Datasheet HTML 4Page - Texas Instruments ADC12L066 Datasheet HTML 5Page - Texas Instruments ADC12L066 Datasheet HTML 6Page - Texas Instruments ADC12L066 Datasheet HTML 7Page - Texas Instruments ADC12L066 Datasheet HTML 8Page - Texas Instruments ADC12L066 Datasheet HTML 9Page - Texas Instruments ADC12L066 Datasheet HTML 10Page - Texas Instruments ADC12L066 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADC12L066
www.ti.com
SNAS153I – NOVEMBER 2001 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, VREF = +1.0V, VCM = 1.0V, fCLK = 66 MHz, tr = tf = 2 ns, CL = 15 pF/pin. Boldface limits apply for TJ = TMIN
to TMAX: all other limits TJ = 25°C
(1)(2)(3)(4)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
BW
Full Power Bandwidth
0 dBFS Input, Output at
−3 dB
450
MHz
85°C
64.6
dB (min)
fIN = 10 MHz, VIN =
25°C
66
65
dB (min)
−0.5 dBFS
−40°C
64.6
dB (min)
fIN = 25 MHz, VIN =
65
dB
−0.5 dBFS
SNR
Signal-to-Noise Ratio
85°C
52
dB (min)
fIN = 150 MHz, VIN =
25°C
55
54
dB (min)
−6 dBFS
−40°C
51
dB (min)
fIN = 240 MHz, VIN =
52
dB
−6 dBFS
85°C
64.3
dB (min)
fIN = 10 MHz, VIN =
25°C
66
64.8
dB (min)
−0.5 dBFS
−40°C
63
dB (min)
fIN = 25 MHz, VIN =
64
dB
−0.5 dBFS
SINAD
Signal-to-Noise & Distortion
85°C
51.8
dB (min)
fIN = 150 MHz, VIN =
25°C
55
53.9
dB (min)
−6 dBFS
−40°C
50
dB (min)
fIN = 240 MHz, VIN =
51
dB
−6 dBFS
85°C
10.3
fIN = 10 MHz, VIN =
25°C
10.7
10.5
Bits (min)
−0.5 dBFS
−40°C
10.2
fIN = 25 MHz, VIN =
10.3
Bits
−0.5 dBFS
ENOB
Effective Number of Bits
85°C
8.3
fIN = 150 MHz, VIN =
25°C
8.8
8.6
Bits (min)
−6 dBFS
−40°C
8.0
fIN = 240 MHz, VIN =
8.2
Bits
−6 dBFS
85°C
−73
dB (max)
fIN = 10 MHz, VIN =
25°C
−80
−73
dB (max)
−0.5 dBFS
−40°C
−68
dB (max)
fIN = 25 MHz, VIN =
−80
dB
−0.5 dBFS
2nd
Second Harmonic Distortion
Harm
85°C
−66
dB (max)
fIN = 150 MHz, VIN =
25°C
−81
−66
dB (max)
−6 dBFS
−40°C
−56
dB (max)
fIN = 240 MHz, VIN =
−61
dB
−6 dBFS
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC12L066


Podobny numer części - ADC12L066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12L066 NSC-ADC12L066 Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L066 TI1-ADC12L066 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
756Kb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066CIVY NSC-ADC12L066CIVY Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results

Podobny opis - ADC12L066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12L080 TI1-ADC12L080 Datasheet
1,006Kb / 31P
[Old version datasheet]   450 MHz Bandwidth A/D Converter
ADC12DL066 TI1-ADC12DL066_15 Datasheet
817Kb / 33P
[Old version datasheet]   450 MHz Input Bandwidth A/D Converter
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
ADC11DL066 NSC-ADC11DL066_08 Datasheet
491Kb / 24P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC12DL066 NSC-ADC12DL066 Datasheet
654Kb / 23P
   Dual 12-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
ADC11DL066 NSC-ADC11DL066 Datasheet
621Kb / 23P
   Dual 11-Bit, 66 MSPS, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
Texas Instruments
ADC12DL066 TI1-ADC12DL066_14 Datasheet
804Kb / 31P
[Old version datasheet]   Dual 12-Bit, 66 Msps, 450 MHz Input Bandwidth A/D Converter w/Internal Reference
logo
National Semiconductor ...
ADC11L066 NSC-ADC11L066 Datasheet
742Kb / 27P
   11-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
ADC12L066 NSC-ADC12L066_06 Datasheet
1Mb / 27P
   12-Bit, 66 MSPS, 450 MHz Bandwidth A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com