Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12V170 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC12V170
Szczegółowy opis  1.1 GHz Bandwidth A/D Converter with LVDS Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12V170 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADC12V170 Datasheet HTML 4Page - Texas Instruments ADC12V170 Datasheet HTML 5Page - Texas Instruments ADC12V170 Datasheet HTML 6Page - Texas Instruments ADC12V170 Datasheet HTML 7Page - Texas Instruments ADC12V170 Datasheet HTML 8Page - Texas Instruments ADC12V170 Datasheet HTML 9Page - Texas Instruments ADC12V170 Datasheet HTML 10Page - Texas Instruments ADC12V170 Datasheet HTML 11Page - Texas Instruments ADC12V170 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADC12V170
SNOSAZ1F – MAY 2007 – REVISED APRIL 2013
www.ti.com
Dynamic Converter Electrical Characteristics (continued)
Unless otherwise specified, the following specifications apply: VIN = -1dBFS, AGND = DGND = DRGND = 0V, VA = VD =
+3.3V, VDR = +1.8V, Internal VREF = +1.0V, fCLK = 170 MHz, VCM = VRM, CL = 5 pF/pin, Single-Ended Clock Mode, Offset
Binary Format. Typical values are for TA = 25°C. Boldface limits apply for TMIN ≤ TA ≤ TMAX. All other limits apply for TA =
25°C
(1)(2)(3)(4)
Units
Symbol
Parameter
Conditions
Typical(5)
Limits
(Limits)
fIN = 10 MHz
-95.0
dBFS
fIN = 70 MHz
-88.4
-77.0
dBFS
H2
Second Harmonic Distortion
fIN = 150 MHz
-87.4
dBFS
fIN = 250 MHz
-83.0
dBFS
fIN = 400 MHz
-71.6
dBFS
fIN = 10 MHz
-85.0
dBFS
fIN = 70 MHz
-86.8
-74.0
dBFS
H3
Third Harmonic Distortion
fIN = 150 MHz
-85.0
dBFS
fIN = 250 MHz
-88.1
dBFS
fIN = 400 MHz
-73.7
dBFS
fIN = 10 MHz
67.7
dBFS
fIN = 70 MHz
67.1
65.1
dBFS
SINAD
Signal-to-Noise and Distortion Ratio
fIN = 150 MHz
67.0
dBFS
fIN = 250 MHz
66.7
dBFS
fIN = 400 MHz
63.8
dBFS
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC12V170


Podobny numer części - ADC12V170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170CISQ NSC-ADC12V170CISQ Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170CISQ NSC-ADC12V170CISQ Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results

Podobny opis - ADC12V170

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC14V155 TI1-ADC14V155 Datasheet
1Mb / 30P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_09 Datasheet
622Kb / 24P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12V170 NSC-ADC12V170_08 Datasheet
564Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
ADC11C125 TI1-ADC11C125 Datasheet
1Mb / 29P
[Old version datasheet]   125 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com