Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC101S051-Q1 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC101S051-Q1
Szczegółowy opis  Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S051-Q1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADC101S051-Q1 Datasheet HTML 6Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 7Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 8Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 9Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 10Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 11Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 12Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 13Page - Texas Instruments ADC101S051-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADC101S051
SNAS303I – JULY 2005 – REVISED JANUARY 2014
www.ti.com
Typical Performance Characteristics (continued)
TA = +25°C, fSAMPLE = 200 ksps to 500 ksps,fSCLK = 4 MHz to 10 MHz, fIN = 100 kHz unless otherwise stated.
SNR vs. Clock Frequency
SINAD vs. Clock Frequency
Figure 11.
Figure 12.
SFDR vs. Clock Frequency
THD vs. Clock Frequency
Figure 13.
Figure 14.
Spectral Response, VA = 5.25V
Spectral Response, VA = 5.25V
fSCLK = 4 MHz
fSCLK = 10 MHz
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC101S051


Podobny numer części - ADC101S051-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC101S051 NSC-ADC101S051 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051 TI-ADC101S051 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC101S051 TI1-ADC101S051 Datasheet
1Mb / 24P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Podobny opis - ADC101S051-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051CIMF TI1-ADC101S051CIMF Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC121S051 TI1-ADC121S051_15 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com