Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC14DS080 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC14DS080
Szczegółowy opis  80 MSPS A/D Converter with Serial LVDS Outputs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14DS080 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC14DS080 Datasheet HTML 2Page - Texas Instruments ADC14DS080 Datasheet HTML 3Page - Texas Instruments ADC14DS080 Datasheet HTML 4Page - Texas Instruments ADC14DS080 Datasheet HTML 5Page - Texas Instruments ADC14DS080 Datasheet HTML 6Page - Texas Instruments ADC14DS080 Datasheet HTML 7Page - Texas Instruments ADC14DS080 Datasheet HTML 8Page - Texas Instruments ADC14DS080 Datasheet HTML 9Page - Texas Instruments ADC14DS080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ADC14DS080
SNAS428B – SEPTEMBER 2007 – REVISED APRIL 2013
www.ti.com
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
8, 16, 17, 58,
VA
quiet source and be bypassed to AGND with 0.1 µF capacitors
60
located close to the power pins.
1, 4, 12, 15,
AGND
The ground return for the analog supply.
Exposed Pad
DIGITAL POWER
Positive driver supply pin for the output drivers. This pin should be
26, 40, 50
VDR
connected to a quiet voltage source and be bypassed to DRGND
with a 0.1 µF capacitor located close to the power pin.
The ground return for the digital output driver supply. This pins
25, 39, 51
DRGND
should be connected to the system digital ground, but not be
connected in close proximity to the ADC's AGND pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Supply Voltage (VA, VDR)
−0.3V to 4.2V
Voltage on Any Pin
−0.3V to (VA +0.3V)
(Not to exceed 4.2V)
Input Current at Any Pin other than Supply Pins (4)
±5 mA
Package Input Current (4)
±50 mA
Max Junction Temp (TJ)
+150°C
Thermal Resistance (
θJA)
(5)
30°C/W
Human Body Model (6)
2500V
ESD Rating
Machine Model (6)
250V
Storage Temperature
−65°C to +150°C
Soldering process must comply with TI's Reflow Temperature Profile specifications. Refer to www.ti.com/packaging.(7)
(1)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is specified to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(5)
The maximum allowable power dissipation is dictated by TJ,max, the junction-to-ambient thermal resistance, (θJA), and the ambient
temperature, (TA), and can be calculated using the formula PD,max = (TJ,max - TA )/θJA. The values for maximum power dissipation listed
above will be reached only when the device is operated in a severe fault condition (e.g. when input or output pins are driven beyond the
power supply voltages, or the power supply polarity is reversed). Such conditions should always be avoided.
(6)
Human Body Model is 100 pF discharged through a 1.5 k
Ω resistor. Machine Model is 220 pF discharged through 0 Ω
(7)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Operating Temperature
−40°C ≤ TA ≤ +85°C
Supply Voltages
+2.7V to +3.6V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is specified to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: ADC14DS080


Podobny numer części - ADC14DS080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14DS080 NSC-ADC14DS080 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080CISQ NSC-ADC14DS080CISQ Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080LFEB NSC-ADC14DS080LFEB Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
More results

Podobny opis - ADC14DS080

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_15 Datasheet
1Mb / 31P
[Old version datasheet]   130 MSPS A/D Converter With LVDS Outputs
ADC14DC080 TI1-ADC14DC080 Datasheet
1Mb / 27P
[Old version datasheet]   80 MSPS A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com