Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC16V130 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC16V130
Szczegółowy opis  130 MSPS A/D Converter With LVDS Outputs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16V130 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC16V130 Datasheet HTML 1Page - Texas Instruments ADC16V130 Datasheet HTML 2Page - Texas Instruments ADC16V130 Datasheet HTML 3Page - Texas Instruments ADC16V130 Datasheet HTML 4Page - Texas Instruments ADC16V130 Datasheet HTML 5Page - Texas Instruments ADC16V130 Datasheet HTML 6Page - Texas Instruments ADC16V130 Datasheet HTML 7Page - Texas Instruments ADC16V130 Datasheet HTML 8Page - Texas Instruments ADC16V130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
AGND
VA3.0
AGND
VA3.0
VA3.0
VDR
AGND
DRGND
D
DB
D
DB
D+
D-
ADC16V130
SNAS458E – NOVEMBER 2008 – REVISED MARCH 2013
www.ti.com
PIN DESCRIPTIONS (continued)
Pin No.
Symbol
Equivalent Circuit
Function and Connection
DIGITAL I/O
D0+/- to D3+/-
LVDS Data Output. The 16-bit digital output of the data converter is
15 – 22
D4+/- to D7+/-
provided on these ports in a full data rate manner. A 100
25 – 32
D8+/- to D11+/-
termination resistor must be placed between each pair of differential
35 – 42
D12+/- to
signals at the far end of the transmission line.
45 – 52
D15+/-
Over-Range Indicator. Active High.
This output is set High when analog input signal exceeds full scale of
16 bit conversion range (<0,> 65535). This signal is asserted
53, 54
OR+/-
coincidently with the over-range data word. A 100
Ω termination
resistor must be placed between the differential signals at the far end
of the transmission.
Output Clock. This pin is used to clock the output data. It has the
same frequency as the sampling clock. One word of data is output in
each cycle of this signal. A 100
Ω termination resistor must be placed
33, 34
OUTCLK+/-
between the differential clock signals at the far end of the transmission
line. The rising edge of this signal should be used to capture the
output data. See the detail Section on Timing Diagrams .
This is a three-state pin.
PD = VA3.0, then Power Down is enabled. In the Power Down state,
only the reference voltage circuitry remains active and power
dissipation is reduced.
14
PD
PD =VA3.0 * (2/3), then Sleep mode is enabled. In Sleep mode is
similar to Power Down mode - it consumes more power but has a
faster recovery time.
PD = AGND, then Normal operation mode is turned on.
This is a four-state pin controlling two parameters: input clock
selection and output data format.
CLK_SEL/DF = VA3.0, then CLK+ and CLK− are configured as a
differential clock input and the output data format is 2's complement.
CLK_SEL/DF = VA3.0 * (2/3), then CLK+ and CLK− are configured as
a differential clock input and the output data format is offset binary.
1
CLK_SEL/DF
CLK_SEL/DF = VA3.0 * (1/3), then CLK+ is configured as a single-
ended clock input and CLK
− should be tied to AGND. The output data
format is 2's complement.
CLK_SEL/DF = AGND, then CLK+ is configured as a single-ended
clock input and CLK
− should be tied to AGND. The output data format
is offset binary.
POWER SUPPLIES
3.0V Analog Power Supply. These pins should be connected to a
2, 55, 59
VA3.0
Analog Power
quiet source and should be decoupled to AGND with 0.1
μF capacitors
located close to the power pins.
1.8V Analog Power Supply. These pins should be connected to a
9, 64
VA1.8
Analog Power
quiet source and should be decoupled to AGND with 0.1
μF capacitors
located close to the power pins.
1.8V Analog/Digital Power Supply. These pins should be connected to
13
VAD1.8
Analog/Digital Power
a quiet source and should be decoupled to AGND with 0.1
μF
capacitors located close to the power pins.
Analog Ground Return. The exposed pad (Pin 0) on back of the
0, 3, 8, 12,
AGND
Analog Ground
package must be soldered to ground plane to ensure rated
56, 60, 63
performance.
Output Driver Power Supply. This pin should be connected to a quiet
24, 44
VDR
Power
voltage source and be decoupled to DRGND with a 0.1
μF capacitor
close to the power pins.
23, 43
DRGND
Ground
Output Driver Ground Return.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC16V130


Podobny numer części - ADC16V130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
More results

Podobny opis - ADC16V130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, 130 MSPS A/D Converter With LVDS Outputs
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com