Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC3242IRGZ25 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADC3242IRGZ25
Szczegółowy opis  Analog-to-Digital Converters
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3242IRGZ25 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC3242IRGZ25 Datasheet HTML 1Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 2Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 3Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 4Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 5Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 6Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 7Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 8Page - Texas Instruments ADC3242IRGZ25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5
ADC3241, ADC3242, ADC3243, ADC3244
www.ti.com
SBAS671C – JULY 2014 – REVISED MARCH 2016
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AVDD
6-9, 12, 17, 20, 25,
28-30
I
Analog 1.8-V power supply
CLKM
18
I
Negative differential clock input for the ADC
CLKP
19
I
Positive differential clock input for the ADC
DA0M
48
O
Negative serial LVDS output for channel A0
DA0P
47
O
Positive serial LVDS output for channel A0
DA1M
46
O
Negative serial LVDS output for channel A1
DA1P
45
O
Positive serial LVDS output for channel A1
DB0M
40
O
Negative serial LVDS output for channel B0
DB0P
39
O
Positive serial LVDS output for channel B0
DB1M
38
O
Negative serial LVDS output for channel B1
DB1P
37
O
Positive serial LVDS output for channel B1
DCLKM
44
O
Negative bit clock output
DCLKP
43
O
Positive bit clock output
DVDD
2, 4, 33, 35
I
Digital 1.8-V power supply
FCLKM
42
O
Negative frame clock output
FCLKP
41
O
Positive frame clock output
GND
1, 3, 5, 32, 34, 36,
PowerPAD™
I
Ground, 0 V
INAM
11
I
Negative differential analog input for channel A
INAP
10
I
Positive differential analog input for channel A
INBM
26
I
Negative differential analog input for channel B
INBP
27
I
Positive differential analog input for channel B
PDN
31
I
Power-down control. This pin can be configured via the SPI.
This pin has an internal 150-k
Ω pull-down resistor.
RESET
21
I
Hardware reset; active high. This pin has an internal 150-k
Ω pull-down resistor.
SCLK
13
I
Serial interface clock input. This pin has an internal 150-k
Ω pull-down resistor.
SDATA
14
I
Serial interface data input. This pin has an internal 150-k
Ω pull-down resistor.
SDOUT
16
O
Serial interface data output
SEN
15
I
Serial interface enable; active low.
This pin has an internal 150-k
Ω pull-up resistor to AVDD.
SYSREFM
23
I
Negative external SYSREF input
SYSREFP
22
I
Positive external SYSREF input
VCM
24
O
Common-mode voltage for analog inputs


Podobny numer części - ADC3242IRGZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MPS Industries, Inc.
ADC324 MPSIND-ADC324 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Texas Instruments
ADC3241 TI1-ADC3241 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3241 TI1-ADC3241 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADC3244EIRGZT TI1-ADC3244EIRGZT Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results

Podobny opis - ADC3242IRGZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com