Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC121C021Q Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części ADC121C021Q
Szczegółowy opis  12-Bit Analog-to-Digital Converter with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121C021Q Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADC121C021Q Datasheet HTML 7Page - Texas Instruments ADC121C021Q Datasheet HTML 8Page - Texas Instruments ADC121C021Q Datasheet HTML 9Page - Texas Instruments ADC121C021Q Datasheet HTML 10Page - Texas Instruments ADC121C021Q Datasheet HTML 11Page - Texas Instruments ADC121C021Q Datasheet HTML 12Page - Texas Instruments ADC121C021Q Datasheet HTML 13Page - Texas Instruments ADC121C021Q Datasheet HTML 14Page - Texas Instruments ADC121C021Q Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
2
f1
2
Fn
2
f2
10
x
A
A
+
+
A
log
THD = 20
/
ADC121C021, ADC121C021Q, ADC121C027
www.ti.com
SNAS415F – JANUARY 2008 – REVISED MARCH 2013
TOTAL HARMONIC DISTORTION (THD) is the ratio, expressed in dBc, of the rms total of the first n harmonic
components at the output to the rms level of the input signal frequency as seen at the output. THD is calculated
as
(1)
where Af1 is the RMS power of the input frequency at the output and Af2 through Afn are the RMS power in the
first n harmonic frequencies.
THROUGHPUT TIME is the minimum time required between the start of two successive conversions. It is the
acquisition time plus the conversion time.
LEAST SIGNIFICANT BIT (LSB) is the bit that has the smallest value or weight of all bits in a word. This value is
LSB = VA / 2
n
(2)
where VA is the supply voltage for this product, and "n" is the resolution in bits, which is 12 for the ADC121C021.
MOST SIGNIFICANT BIT (MSB) is the bit that has the largest value or weight of all bits in a word. Its value is
1/2 of VA.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC121C021 ADC121C021Q ADC121C027


Podobny numer części - ADC121C021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC121C021Q TI1-ADC121C021Q Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
More results

Podobny opis - ADC121C021Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com