Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC121S101 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC121S101
Szczegółowy opis  Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADC121S101 Datasheet HTML 6Page - Texas Instruments ADC121S101 Datasheet HTML 7Page - Texas Instruments ADC121S101 Datasheet HTML 8Page - Texas Instruments ADC121S101 Datasheet HTML 9Page - Texas Instruments ADC121S101 Datasheet HTML 10Page - Texas Instruments ADC121S101 Datasheet HTML 11Page - Texas Instruments ADC121S101 Datasheet HTML 12Page - Texas Instruments ADC121S101 Datasheet HTML 13Page - Texas Instruments ADC121S101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
ADC121S101, ADC121S101-Q1
SNAS304H – JANUARY 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ADC121S101 ADC121S101-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, fSAMPLE = 500 ksps to 1 Msps, fSCLK = 10 MHz to 20 MHz, and fIN = 100 kHz (unless otherwise noted)
Figure 9. SNR vs Clock Frequency
Figure 10. SINAD vs Clock Frequency
Figure 11. SFDR vs Clock Frequency
Figure 12. THD vs Clock Frequency
Figure 13. Spectral Response
VA = 5.25 V, fSCLK = 10 MHz
Figure 14. Spectral Response
VA = 5.25 V, fSCLK = 20 MHz


Podobny numer części - ADC121S101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC121S101 NSC-ADC121S101 Datasheet
916Kb / 23P
   1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
ADC121S101 NSC-ADC121S101 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC121S101 NSC-ADC121S101 Datasheet
727Kb / 17P
   Single Channel, 0.5 to Msps, 12-Bit A/D Converter
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
More results

Podobny opis - ADC121S101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com