Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC3244IRGZT Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC3244IRGZT
Szczegółowy opis  Analog-to-Digital Converters
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC3244IRGZT Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADC3244IRGZT Datasheet HTML 4Page - Texas Instruments ADC3244IRGZT Datasheet HTML 5Page - Texas Instruments ADC3244IRGZT Datasheet HTML 6Page - Texas Instruments ADC3244IRGZT Datasheet HTML 7Page - Texas Instruments ADC3244IRGZT Datasheet HTML 8Page - Texas Instruments ADC3244IRGZT Datasheet HTML 9Page - Texas Instruments ADC3244IRGZT Datasheet HTML 10Page - Texas Instruments ADC3244IRGZT Datasheet HTML 11Page - Texas Instruments ADC3244IRGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
8
ADC3241, ADC3242, ADC3243, ADC3244
SBAS671C – JULY 2014 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADC3241 ADC3242 ADC3243 ADC3244
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Crosstalk is measured with a –1-dBFS input signal on one channel and no input on the other channel.
7.7 Electrical Characteristics: General
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to TMAX
= 85°C, maximum sampling rate, 50% clock duty cycle, AVDD = DVDD = 1.8 V, and –1-dBFS differential input, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
14
Bits
ANALOG INPUT
Differential input full-scale
2.0
VPP
RIN
Input resistance
Differential at dc
6.6
k
Ω
CIN
Input capacitance
Differential at dc
3.7
pF
VOC(VCM)
VCM common-mode voltage output
0.95
V
VCM output current capability
10
mA
Input common-mode current
Per analog input pin
1.5
µA/MSPS
Analog input bandwidth (3 dB)
50-
Ω differential source driving 50-Ω
termination across INP and INM
540
MHz
DC ACCURACY
EO
Offset error
–25
25
mV
αEO
Temperature coefficient of offset
error
±0.024
°C
EG(REF)
Gain error as a result of internal
reference inaccuracy alone
–2
2
%FS
EG(CHAN)
Gain error of channel alone
–2
%FS
α(EGCHAN)
Temperature coefficient of EG(CHAN)
±0.008
Δ%FS/°C
CHANNEL-TO-CHANNEL ISOLATION
Crosstalk(1)
fIN = 10 MHz
105
dB
fIN = 100 MHz
105
fIN = 200 MHz
105
fIN = 230 MHz
105
fIN = 300 MHz
105


Podobny numer części - ADC3244IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADC3244EIRGZT TI1-ADC3244EIRGZT Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results

Podobny opis - ADC3244IRGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com