Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC121S101-Q1 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC121S101-Q1
Szczegółowy opis  Single-Channel, 0.5 to 1-Msps, 12-Bit Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121S101-Q1 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC121S101-Q1 Datasheet HTML 1Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 2Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 3Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 4Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 5Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 6Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 7Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 8Page - Texas Instruments ADC121S101-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
ADC121S101, ADC121S101-Q1
SNAS304H – JANUARY 2006 – REVISED APRIL 2016
www.ti.com
Product Folder Links: ADC121S101 ADC121S101-Q1
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to GND = 0 V (unless otherwise specified).
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
When the input voltage at any pin exceeds the power supply (that is, VIN < GND or VIN > VA), the current at that pin must be limited to
10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an
input current of 10 mA to two. The Absolute Maximum Ratings does not apply to the VA pin. The current into the VA pin is limited by the
Analog Supply Voltage specification.
(5)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDmax = (TJmax − TA) / θJA. The values for maximum power dissipation listed above will be reached only when the device is operated
in a severe fault condition (that is, when input or output pins are driven beyond the power supply voltages, or the power supply polarity
is reversed). Such conditions must always be avoided.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
Analog supply voltage, VA
–0.3
6.5
V
Voltage on any digital pin to GND
–0.3
6.5
V
Voltage on any analog pin to GND
–0.3
VA + 0.3
V
Input current at any pin(4)
±10
mA
Package input current(4)
±20
mA
Power consumption at TA = 25°C
See(5)
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings: ADC121S101
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3500
V
Machine model (MM)
±300
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 ESD Ratings: ADC121S101-Q1
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±3500
V
Charged-device model (CDM), per AEC Q100-011, all pins
±300
(1)
All voltages are measured with respect to GND = 0 V (unless otherwise specified).
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VA
Supply voltage
2.7
5.25
V
Digital input pins voltage (regardless of supply voltage)
–0.3
5.25
V
Analog input pins voltage
0
VA
V
Clock frequency
25
20000
kHz
Sample rate
Up to
1 Msps
TA
Operating temperature
–40
125
°C


Podobny numer części - ADC121S101-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC121S101-Q1 TI-ADC121S101-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
More results

Podobny opis - ADC121S101-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC121S101 TI-ADC121S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADC3421 TI1-ADC3421 Datasheet
3Mb / 79P
[Old version datasheet]   Quad-Channel, 12-Bit, 25-MSPS to 125-MSPS, Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463-EP TI1-ADS5463-EP_14 Datasheet
1Mb / 32P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com