Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5120 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADS5120
Szczegółowy opis  8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5120 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADS5120_10 Datasheet HTML 4Page - Texas Instruments ADS5120_10 Datasheet HTML 5Page - Texas Instruments ADS5120_10 Datasheet HTML 6Page - Texas Instruments ADS5120_10 Datasheet HTML 7Page - Texas Instruments ADS5120_10 Datasheet HTML 8Page - Texas Instruments ADS5120_10 Datasheet HTML 9Page - Texas Instruments ADS5120_10 Datasheet HTML 10Page - Texas Instruments ADS5120_10 Datasheet HTML 11Page - Texas Instruments ADS5120_10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADS5120
8
SBAS247E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = 25°C, AVDD = DVDD = 1.8V, DRVDD = 3.3V, fIN = –0.5dBFS, Internal Reference, Clock = 40MSPS, and Differential Input Range = 1VPP, unless otherwise noted.
SNR AND SFDR vs CLOCK FREQUENCY
Clock Frequency (MHz)
510
15
20
25
30
35
40
SFDR
45
85
80
75
70
65
60
55
50
SNR
f
IN = 3.5MHz
SNR AND SFDR vs CLOCK FREQUENCY
Clock Frequency (MHz)
510
15
20
25
30
35
40
SFDR
45
85
80
75
70
65
60
55
50
SNR
f
IN = 10MHz
SNR vs INPUT FREQUENCY
Input Frequency (MHz)
04
8
12
16
20
60
59
58
57
56
55
SWEPT INPUT POWER (SNR)
Input Amplitude (dBFS)
–45
–40
–35
–25
dBFS
dBc
–30
–20
–15
–5
–10
0
70
60
50
40
30
20
10
0
IAV
DD vs CLOCK FREQUENCY
Clock Frequency (MSPS)
0
5
10
20
15
25
30
35
40
305
300
295
290
285
280
SINAD vs DUTY CYCLE
(DCASEL = ENABLE)
Clock Duty Cycle (%)
20
30
40
50
60
70
60
59
58
57
56
55
54
53
52
51
50
f
IN = 3.5MHz


Podobny numer części - ADS5120_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5120CGHK TI-ADS5120CGHK Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120EVM TI1-ADS5120EVM Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
More results

Podobny opis - ADS5120_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com