Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5122 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS5122
Szczegółowy opis  8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5122 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS5122_13 Datasheet HTML 5Page - Texas Instruments ADS5122_13 Datasheet HTML 6Page - Texas Instruments ADS5122_13 Datasheet HTML 7Page - Texas Instruments ADS5122_13 Datasheet HTML 8Page - Texas Instruments ADS5122_13 Datasheet HTML 9Page - Texas Instruments ADS5122_13 Datasheet HTML 10Page - Texas Instruments ADS5122_13 Datasheet HTML 11Page - Texas Instruments ADS5122_13 Datasheet HTML 12Page - Texas Instruments ADS5122_13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
ADS5122
9
SBAS272E
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
TA = 25°C, AVDD = DVDD = 1.8V, DRVDD = 3.3V, fIN = –0.5dBFS, Internal Reference, Clock = 65MSPS, and Differential Input Range = 1VPP, unless otherwise noted.
DYNAMIC PERFORMANCE vs DUTY CYCLE
Duty Cycle (%)
25
30
35
40
45
50
55
60
65
70
75
75
70
65
60
55
50
SFDR
SINAD
SNR
f
IN = 3.5MHz
DYNAMIC PERFORMANCE vs CLOCK DUTY CYCLE
Clock Duty Cycle (%)
25
30
35
40
45
50
55
60
65
70
75
72
70
68
66
64
62
60
58
56
54
SFDR
SINAD
SNR
f
IN = 10MHz
IAV
DD vs CLOCK FREQUENCY
Clock Frequency (MSPS)
5
10152025
30
3540
45
50 55
60 65
70
220
215
210
205
200
195
190
185
IDV
DD vs CLOCK FREQUENCY
Clock Frequency (MSPS)
5
10152025
30
3540
45
50 55
60 65
70
90
80
70
60
50
40
30
20
10
0
IDRV
DD vs CLOCK FREQUENCY
Clock Frequency (MSPS)
5
10152025
30
3540
45
50 55
60 65
70
80
70
60
50
40
30
20
10
0
IDRV
DD = 3.3V
IDRV
DD = 1.8V
POWER vs TEMPERATURE
Temperature (
°C)
750
700
650
600
550
–40
–20
0
20
40
60
80
100
3.3V DRV
DD
1.8V DRV
DD


Podobny numer części - ADS5122_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5122CGHK TI-ADS5122CGHK Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS5122_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI-ADS5121 Datasheet
404Kb / 17P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5120 TI1-ADS5120_10 Datasheet
458Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI-ADS5277_12 Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
logo
List of Unclassifed Man...
MP7633 ETC-MP7633 Datasheet
1Mb / 5P
   CMOS 10-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com