Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5292 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5292
Szczegółowy opis  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS5292 Datasheet HTML 6Page - Texas Instruments ADS5292 Datasheet HTML 7Page - Texas Instruments ADS5292 Datasheet HTML 8Page - Texas Instruments ADS5292 Datasheet HTML 9Page - Texas Instruments ADS5292 Datasheet HTML 10Page - Texas Instruments ADS5292 Datasheet HTML 11Page - Texas Instruments ADS5292 Datasheet HTML 12Page - Texas Instruments ADS5292 Datasheet HTML 13Page - Texas Instruments ADS5292 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
ADS5292
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
www.ti.com
TIMING REQUIREMENTS
(1) (2) (3)
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, sampling frequency = 80 MSPS, 12-bit, sine-wave input clock =
1.5-Vpp clock amplitude, CLOAD = 5 pF, RLOAD = 100 Ω, unless otherwise noted. MIN and MAX values are across the full
temperature range TMIN = –40°C to TMAX = 85°C, AVDD = 1.8 V, LVDD = 1.7 V to 1.9 V.
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
The delay in time between the rising edge of the input
ta
Aperture delay
sampling clock and the actual time at which the sampling
4
ns
occurs
Aperture delay variation
Across channels within the same device
±175
ps
Across devices at same temperature and LVDD supply
2.5
ns
voltage
tj
Aperture jitter RMS
320
fs rms
td
Data latency
1-wire LVDS output interface
11
Clock cycles
2-wire LVDS output interface
15
Clock cycles
tSU
Data setup time
80 MSPS, 2 wire LVDS, 6x serialization
0.25
0.63
ns
tH
Data hold time
80 MSPS, 2 wire LVDS, 6x serialization
0.65
1
ns
Input clock rising edge(zero cross) to frame clock rising
See Table 1 and
Clock propagation delay
ns
edge(zero cross)
Table 2
tPROG
Variation of tPROG
Between two devices under the same conditions
±0.75
ns
LVDS bit clock duty cycle
50%
Bit clock cycle-to-cycle jitter
40
ps rms
Frame clock cycle-to-cycle
70
ps rms
jitter
tRISE
Data rise time
Rise time is from -100mV to +100mV
0.2
ns
tFALL
Data fall time
Fall time is from +100mV to -100mV
0.2
ns
tCLKRISE
Output clock rise time
Rise time is from -100mV to +100mV
0.18
ns
tCLKFALL
Output clock fall time
Fall time is from +100mV to -100mV
0.16
ns
Time to valid data after coming out of COMPLETE
tWAKE
Wake-up Time
100
µs
POWER-DOWN mode
Time to valid data after coming out of PARTIAL POWER-
DOWN mode (with clock continuing to run during power-
5
µs
down)
(1)
Timing parameters are ensured by design and characterization and not tested in production.
(2)
Measurements are done with a transmission line of 100-
Ω characteristic impedance between the device and the load. Setup and hold
time specifications take into account the effect of jitter on the output data and clock.
(3)
Data valid refers to logic HIGH of 100 mV and logic LOW of –100 mV.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :ADS5292


Podobny numer części - ADS5292

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFP TI1-ADS5292IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFPR TI1-ADS5292IPFPR Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5292IPFPT TI1-ADS5292IPFPT Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
More results

Podobny opis - ADS5292

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5292 TI1-ADS5292 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
ADS5294 TI1-ADS5294 Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294IPFP TI1-ADS5294IPFP Datasheet
2Mb / 67P
[Old version datasheet]   Octal Channel 14-Bit, 80 MSPS High-SNR and Low-Power ADC
ADS5294 TI1-ADS5294_15 Datasheet
2Mb / 81P
[Old version datasheet]   Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
[Old version datasheet]   4-Channel, 12-Bit, 80-MSPS ADC
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
logo
Texas Instruments
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
[Old version datasheet]   12-Bit, 80-MSPS ADC and Passive CW Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com