Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5414-11 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS5414-11
Szczegółowy opis  SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5414-11 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS5414-11 Datasheet HTML 3Page - Texas Instruments ADS5414-11 Datasheet HTML 4Page - Texas Instruments ADS5414-11 Datasheet HTML 5Page - Texas Instruments ADS5414-11 Datasheet HTML 6Page - Texas Instruments ADS5414-11 Datasheet HTML 7Page - Texas Instruments ADS5414-11 Datasheet HTML 8Page - Texas Instruments ADS5414-11 Datasheet HTML 9Page - Texas Instruments ADS5414-11 Datasheet HTML 10Page - Texas Instruments ADS5414-11 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADS5413-11
SLWS156 − MARCH 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 2
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 2 MHz
SNR = 66 dBFS
SINAD = 65 dBFS
SFDR = 72.8 dBc
THD = 72 dBc
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
f − Frequency − MHz
SPECTRAL PERFORMANCE
Figure 3
fS = 65 MSPS
fIN = 14 MHz
SNR = 65.7 dBFS
SINAD = 65.3 dBFS
SFDR = 77.7 dBc
THD = 76.2 dBc
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
SPECTRAL PERFORMANCE
Figure 4
fS = 65 MSPS
fIN = 39 MHz
SNR = 65.9 dBFS
SINAD = 65.3 dBFS
SFDR = 75.8 dBc
THD = 74 dBc
Figure 5
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 70 MHz
SNR = 65.7 dBFS
SINAD = 65.5 dBFS
SFDR = 84.5 dBc
THD = 79.6 dBc
Figure 6
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 150 MHz
SNR = 64.3 dBFS
SINAD = 63.2 dBFS
SFDR = 70.5 dBc
THD = 69.7 dBc
Figure 7
f − Frequency − MHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
25
30
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 190 MHz
SNR = 63.9 dBFS
SINAD = 62.3 dBFS
SFDR = 68.3 dBc
THD = 67.6 dBc
† 50% duty cycle. AVDD = 3.3 V, OVDD = 3.3 V, 25°C, DCA off, internal reference, Ain = –1 dBFS, CLK 2.8-VPP sine wave single ended, unless
otherwise noted
Obsolete Device


Podobny numer części - ADS5414-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5410 TI-ADS5410 Datasheet
283Kb / 14P
[Old version datasheet]   12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
ADS5410IPFB TI-ADS5410IPFB Datasheet
283Kb / 14P
[Old version datasheet]   12-BIT, 80 MSPS CommsADCTM ANALOG-TO-DIGITAL CONVERTER
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGP TI1-ADS5411IPGP Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411IPGPR TI1-ADS5411IPGPR Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS5414-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5232 TI-ADS5232 Datasheet
742Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5237 TI-ADS5237 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 10-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5232 TI1-ADS5232_14 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 12-Bit, 65MSPS, 3.3V Analog-to-Digital Converter
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5122 TI-ADS5122 Datasheet
393Kb / 19P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5122 TI1-ADS5122_13 Datasheet
504Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com