Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5424IPGPR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5424IPGPR
Szczegółowy opis  14 Bit, 105 MSPS Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5424IPGPR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS5424IPGPR Datasheet HTML 7Page - Texas Instruments ADS5424IPGPR Datasheet HTML 8Page - Texas Instruments ADS5424IPGPR Datasheet HTML 9Page - Texas Instruments ADS5424IPGPR Datasheet HTML 10Page - Texas Instruments ADS5424IPGPR Datasheet HTML 11Page - Texas Instruments ADS5424IPGPR Datasheet HTML 12Page - Texas Instruments ADS5424IPGPR Datasheet HTML 13Page - Texas Instruments ADS5424IPGPR Datasheet HTML 14Page - Texas Instruments ADS5424IPGPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
ADS5424
SLWS157B − JANUARY 2005 − REVISED JANUARY 2010
www.ti.com
11
Typical values are at TA = 25°C, AVDD = 5 V, DRVDD = 3.3 V, differential input amplitude = −1 dBFS, sampling rate = 105 MSPS, 3 VPP
sinusoidal clock, 50% duty cycle, 16k FFT points, unless otherwise noted
−120
−100
−80
−60
−40
−20
0
0
10203040
f − Frequency − MHz
fS = 92.16 MSPS
fIN = 70 MHz
SNR = 73.9 dBc
SINAD = 73.8 dBc
SFDR = 96 dBc
THD = 95 dBc
1
2
5
6
X
4
Figure 8
SPECTRAL PERFORMANCE
−120
−100
−80
−60
−40
−20
0
0
10203040
f − Frequency − MHz
1
2
5
6
X
4
fS = 92.16 MSPS
fIN = 170 MHz
SNR = 71.6 dBc
SINAD = 69 dBc
SFDR = 73 dBc
THD = 73 dBc
3
Figure 9
SPECTRAL PERFORMANCE
−140
−120
−100
−80
−60
−40
−20
0
0
10203040
f − Frequency − MHz
fS = 92.16 MSPS
fIN 1 = 69.2 MHz, −7 dBFS
fIN 2 = 70.7 MHz, −7 dBFS
IMD3 = −93 dBFS
Figure 10
SPECTRAL PERFORMANCE
−140
−120
−100
−80
−60
−40
−20
0
0
10203040
f − Frequency − MHz
fS = 92.16 MSPS
fIN 1 = 169.6 MHz, −7 dBFS
fIN 2 = 170.4 MHz, −7 dBFS
IMD3 = −82 dBFS
Figure 11
SPECTRAL PERFORMANCE
−140
−120
−100
−80
−60
−40
−20
0
0
10203040
f − Frequency − MHz
fS = 92.16 MSPS
fIN = 70 MHz
PAR = 5 dB
ACPR Adj Top = 79.2 dB
ACPR Adj Low = 79.7 dB
Figure 12
WCDMA CARRIER
−140
−120
−100
−80
−60
−40
−20
0
0
10203040
f − Frequency − MHz
fS = 92.16 MSPS
fIN = 170 MHz
PAR = 5 dB
ACPR Adj Top = 73.3 dB
ACPR Adj Low = 74 dB
Figure 13
WCDMA CARRIER


Podobny numer części - ADS5424IPGPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5424IPJY TI-ADS5424IPJY Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424IPJYR TI-ADS5424IPJYR Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
More results

Podobny opis - ADS5424IPGPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
ADS5424-SP TI1-ADS5424-SP_15 Datasheet
445Kb / 24P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5424-SP TI1-ADS5424-SP Datasheet
400Kb / 22P
[Old version datasheet]   CLASS V, 14-BIT, 105-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9254R703F AD-AD9254R703F Datasheet
2Mb / 26P
   14-Bit, 105 MSPS, 1.8V Analog-Tp-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com