Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5440 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5440
Szczegółowy opis  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5440 Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS5440 Datasheet HTML 1Page - Texas Instruments ADS5440 Datasheet HTML 2Page - Texas Instruments ADS5440 Datasheet HTML 3Page - Texas Instruments ADS5440 Datasheet HTML 4Page - Texas Instruments ADS5440 Datasheet HTML 5Page - Texas Instruments ADS5440 Datasheet HTML 6Page - Texas Instruments ADS5440 Datasheet HTML 7Page - Texas Instruments ADS5440 Datasheet HTML 8Page - Texas Instruments ADS5440 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.ti.com
FEATURES
APPLICATIONS
RELATED PRODUCTS
DESCRIPTION
Reference
Timing
CLK
OVR
D[12:0]
CLK
5
DRY
VREF
AIN
AIN
TH1
5
5
Σ
DAC2
ADC2
ADC3
Σ
DAC1
ADC1
AVDD
DVDD
GND
Digital Error Correction
+
+
B0061-01
DRY
OVR
A1
TH2
A2
A3
TH3
ADS5440
SLAS467A – JULY 2005 – REVISED DECEMBER 2005
13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
Test and Measurement
13-Bit Resolution
Software-Defined Radio
210 MSPS Sample Rate
Multi-channel Basestation Receivers
SNR = 69 dBc at 100-MHz IF and 210 MSPS
Basestation Tx Digital Predistortion
SFDR = 76 dBc at 100-MHz IF and 210 MSPS
Communications Instrumentation
SNR = 68.1 dBc at 230-MHz IF and 210 MSPS
SFDR = 74 dBc at 230-MHz IF and 210 MSPS
2.2 VPP Differential Input Voltage
ADS5424 - 14-bit, 105 MSPS ADC
Fully Buffered Analog Inputs
ADS5423 - 14-bit, 80 MSPS ADC
5 V Analog Supply Voltage
ADS5444 - 13-bit, 250 MSPS ADC
LVDS Compatible Outputs
Total Power Dissipation: 2 W
Offset Binary Output Format
TQFP-80 PowerPAD™ Package
Pin Compatible with the ADS5444
Industrial Temperature Range = –40°C to 85°C
The ADS5440 is a 13-bit 210 MSPS analog-to-digital converter (ADC) that operates from a 5 V supply, while
providing LVDS-compatible digital outputs from a 3.3 V supply. The ADS5440 input buffer isolates the internal
switching of the onboard track and hold (T&H) from disturbing the signal source. An internal reference generator
is also provided to further simplify the system design. The ADS5440 has outstanding low noise and linearity over
input frequency.
The ADS5440 is available in an 80-pin TQFP PowerPAD™ package. The ADS5440 is built on a state of the art
Texas Instruments complementary bipolar process (BiCom3X) and is specified over the full industrial
temperature range (–40°C to 85°C).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - ADS5440

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440IPFP TI-ADS5440IPFP Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS5440

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9742ACPZ AD-AD9742ACPZ Datasheet
1Mb / 32P
   12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
REV. C
logo
Texas Instruments
ADS5444-EP TI1-ADS5444-EP_13 Datasheet
683Kb / 30P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com