Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5444MPFPEP Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5444MPFPEP
Szczegółowy opis  13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5444MPFPEP Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS5444MPFPEP Datasheet HTML 7Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 8Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 9Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 10Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 11Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 12Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 13Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 14Page - Texas Instruments ADS5444MPFPEP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
SNR + 10log10
P
S
P
N
(1)
SINAD + 10log10
P
S
P
N )
P
D
(2)
THD + 10log10
P
S
P
D
(3)
ADS5444-EP
SGLS360 – AUGUST 2006
DEFINITION OF SPECIFICATIONS (continued)
SNR is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s
full-scale range.
Signal-to-Noise and Distortion (SINAD) SINAD is the ratio of the power of the fundamental (PS) to the power of all the
other spectral components including noise (PN) and distortion (PD), but excluding dc.
SINAD is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as
the reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s
full-scale range.
Effective Resolution Bandwidth The highest input frequency where the SNR (dB) is dropped by 3 dB for a full-scale input
amplitude.
Total Harmonic Distortion (THD) THD is the ratio of the power of the fundamental (PS) to the power of the first five
harmonics (PD).
THD is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion IMD3 is the ratio of the power of the fundamental (at frequencies f1, f2) to the power
of the worst spectral component at either frequency 2f1– f2 or 2f2– f1). IMD3 is either given in units of dBc (dB
to carrier) when the absolute power of the fundamental is used as the reference or dBFS (dB to full scale)
when the power of the fundamental is extrapolated to the converter’s full-scale range.
11
Submit Documentation Feedback


Podobny numer części - ADS5444MPFPEP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5444MPFPEP TI1-ADS5444MPFPEP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS5444MPFPEP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5444 TI1-ADS5444 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444 TI-ADS5444_08 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-EP TI1-ADS5444-EP Datasheet
760Kb / 29P
[Old version datasheet]   13-BIT 250-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP Datasheet
679Kb / 23P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5444-SP TI1-ADS5444-SP_15 Datasheet
538Kb / 22P
[Old version datasheet]   CLASS V, 13 BIT, 250 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI-ADS5440 Datasheet
556Kb / 11P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440 TI1-ADS5440_13 Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP_14 Datasheet
964Kb / 30P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5440-EP TI1-ADS5440-EP Datasheet
1Mb / 29P
[Old version datasheet]   13-BIT 210-MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com