Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5463-EP Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS5463-EP
Szczegółowy opis  12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463-EP Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS5463-EP_14 Datasheet HTML 5Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 6Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 7Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 8Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 9Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 10Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 11Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 12Page - Texas Instruments ADS5463-EP_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ADS5463-EP
www.ti.com ......................................................................................................................................... SGLS382C – NOVEMBER 2006 – REVISED OCTOBER 2009
TIMING CHARACTERISTICS
(1)
Typical values at TA = 25°C, sampling rate = 500 MSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V,
DVDD3 = 3.3 V, and 3 VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tA
Aperture delay
200
ps
Aperture jitter, rms
160
fs
Latency
3.5
cycles
tCLK
Clock period
2
ns
tCLKH
Clock pulse duration, high
1
ns
tCLKL
Clock pulse duration, low
1
ns
tDRY
CLK to DRY delay(1)
Zero crossing, 7 pF diff loading
1100
ps
tDATA
CLK to DATA/OVR delay (1)
Zero crossing, 7 pF diff loading
1100
ps
tSKEW
DRY to DATA skew
tDATA – tDRY, 7 pF diff loading
0
ps
tRISE
DRY/DATA/OVR rise time
7 pF differential loading
500
ps
tFALL
DRY/DATA/OVR fall time
7 pF differential loading
500
ps
(1)
DRY, DATA, and OVR are updated on the falling edge of CLK. The latency must be added to tDATA to determine the data propagation
delay.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :ADS5463-EP


Podobny numer części - ADS5463-EP_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS5463-EP_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5463 TI-ADS5463 Datasheet
1Mb / 25P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463 TI-ADS5463_07 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-EP TI1-ADS5463-EP Datasheet
1Mb / 33P
[Old version datasheet]   12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5463 TI-ADS5463_08 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5407 TI-ADS5407 Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5407IZAY TI-ADS5407IZAY Datasheet
1Mb / 41P
[Old version datasheet]   Dual Channel 12-Bit 500 Msps Analog to Digital Converter
ADS5463-SP TI1-ADS5463-SP Datasheet
833Kb / 31P
[Old version datasheet]   Class V, 12-Bit, 500-MSPS Analog-to-Digital Converter
ADS5463-SP TI-ADS5463-SP Datasheet
648Kb / 25P
[Old version datasheet]   CLASS V, 12-BIT, 500-MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD9434 AD-AD9434 Datasheet
1,012Kb / 28P
   12-Bit, 370 MSPS/500 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com