Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7800BH-BI Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części ADS7800BH-BI
Szczegółowy opis  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7800BH-BI Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS7800BH-BI Datasheet HTML 6Page - Texas Instruments ADS7800BH-BI Datasheet HTML 7Page - Texas Instruments ADS7800BH-BI Datasheet HTML 8Page - Texas Instruments ADS7800BH-BI Datasheet HTML 9Page - Texas Instruments ADS7800BH-BI Datasheet HTML 10Page - Texas Instruments ADS7800BH-BI Datasheet HTML 11Page - Texas Instruments ADS7800BH-BI Datasheet HTML 12Page - Texas Instruments ADS7800BH-BI Datasheet HTML 13Page - Texas Instruments ADS7800BH-BI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADS7800
10
SBAS001A
www.ti.com
FIGURE 10.
±10V Range With External Trims.
converter if at all possible. A ground plane is usually the best
solution for preserving dynamic performance and reducing
noise coupling into sensitive converter circuits. Where any
compromises must be made, the common return of the
analog input signal should be referenced to pin 4, AGND,
on the ADS7800, which prevents any voltage drops that
might occur in the power supply common returns from
appearing in series with the input signal.
Coupling between analog input and digital lines should be
minimized by careful layout. For instance, if the lines must
cross, they should do so at right angles. Parallel analog and
digital lines should be separated from each other by a pattern
connected to common.
If external full scale and offset potentiometers are used, the
potentiometers and related resistors should be located as
close to the ADS7800 as possible.
REFERENCE BYPASS
Pin 3 (REF) should be bypassed with a 22
µF to 47µF
tantalum capacitor. A rated working voltage of 2V or more
is acceptable here. This pin is used to enhance the system
accuracy of the internal reference circuit, and is not
recommended for driving external signals. If there are
important system reasons for using the ADS7800 reference
externally, the output of pin 3 must be appropriately
buffered.
“HOT SOCKET” PRECAUTION
Two separate +5V VS pins, 23 and 24, are used to minimize
noise caused by digital transients. If one pin is powered and
the other is not, the ADS7800 may “Latch Up” and draw
excessive current. In normal operation, this is not a problem
because both pins will be soldered together. However,
during evaluation, incoming inspection, repair, etc., where
the potential of a “Hot Socket” exists, care should be taken
to power the ADS7800 only after it has been socketed.
FIGURE 9. Read Cycle Timing.
MINIMIZING “GLITCHES”
Coupling of external transients into an A/D converter can
cause errors which are difficult to debug. In addition to the
discussions earlier on layout considerations for supplies,
bypassing and grounding, there are several other useful
steps that can be taken to get the best analog performance
out of a system using the ADS7800. These potential system
problem sources are particularly important to consider when
developing a new system, and looking for the causes of
errors in breadboards.
First, care should be taken to avoid glitches during critical
times in the sampling and conversion process. Since the
ADS7800 has an internal sample/hold function, the signal
that puts it into the hold state (R/C going LOW) is critical, as
it would be on any sample/hold amplifier. The R/C falling
edge should be sharp and have minimal ringing, especially
during the 20ns after it falls.
Although not normally required, it is also good practice to
avoid glitching the ADS7800 while bit decisions are being
made. Since the above discussion calls for a fast, clean rise
and fall on R/C, it makes sense to keep the rising edge of the
convert pulse outside the time when bit decisions are being
made. In other words, the convert pulse should either be
short (under 100ns so that it transitions before the MSB
decision), or relatively long (over 2.75
µs to transition after
the LSB decision).
FIGURE 11.
±5V Range With External Trims.
Data Valid
t
DB
t
HL
t
HDR
&
t
DD
CS
R/C
HBE
BUSY
DB11-DB0
1
2
3
4
5
6
7
ADS7800
+5V
100
External
Gain Adjust
±10V
Input
10k
–15V
10k
6.65k
49.9
R2
R1
Bipolar
Zero
Adjust
1
2
3
4
5
6
7
ADS7800
+5V
100
±5V
Input
–15V
10k
10k
301
30.1k
External
Gain Adjust
R2
R1
Bipolar
Zero
Adjust


Podobny numer części - ADS7800BH-BI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7800BH-BI TI1-ADS7800BH-BI Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7800BH-BI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com