Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7806UG4 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części ADS7806UG4
Szczegółowy opis  Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7806UG4 Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS7806UG4 Datasheet HTML 1Page - Texas Instruments ADS7806UG4 Datasheet HTML 2Page - Texas Instruments ADS7806UG4 Datasheet HTML 3Page - Texas Instruments ADS7806UG4 Datasheet HTML 4Page - Texas Instruments ADS7806UG4 Datasheet HTML 5Page - Texas Instruments ADS7806UG4 Datasheet HTML 6Page - Texas Instruments ADS7806UG4 Datasheet HTML 7Page - Texas Instruments ADS7806UG4 Datasheet HTML 8Page - Texas Instruments ADS7806UG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ADS7806
2
SBAS021B
www.ti.com
Analog Inputs: R1IN ............................................................................ ±12V
R2IN ........................................................................... ±5.5V
CAP ................................... VANA + 0.3V to AGND2 – 0.3V
REF .......................................... Indefinite Short to AGND2,
Momentary Short to VANA
Ground Voltage Differences: DGND, AGND1, and AGND2 .............
±0.3V
VANA ....................................................................................................... 7V
VDIG to VANA ...................................................................................... +0.3V
VDIG ........................................................................................................ 7V
Digital Inputs ............................................................. –0.3V to VDIG + 0.3V
Maximum Junction Temperature ................................................... +165
°C
Internal Power Dissipation ............................................................. 825mW
Lead Temperature (soldering, 10s) ............................................... +300
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, fS = 40kHz, VDIG = VANA = +5V, and using internal reference and fixed resistors (see Figure 7b), unless otherwise specified.
ADS7806P, U
ADS7806PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
Bits
ANALOG INPUT
Voltage Ranges
±10, 0 to +5, 0 to +4
V
Impedance
(See Table I)
Capacitance
35
pF
THROUGHPUT SPEED
Conversion Time
20
µs
Complete Cycle
Acquire and Convert
25
µs
Throughput Rate
40
kHz
DC ACCURACY
Integral Linearity Error
±0.15
±0.9
±0.45
LSB(1)
Differential Linearity Error
±0.15
±0.9
±0.45
LSB
No Missing Codes
Tested
Bits
Transition Noise(2)
0.1
LSB
Gain Error
±0.2
±0.1
%
Full-Scale Error(3,4)
±0.5
±0.25
%
Full-Scale Error Drift
±7
±5
ppm/
°C
Full-Scale Error(3,4)
Ext. 2.5000V Ref
±0.5
±0.25
%
Full-Scale Error Drift
Ext. 2.5000V Ref
±0.5
ppm/
°C
Bipolar Zero Error(3)
±10V Range
±10
mV
Bipolar Zero Error Drift
±10V Range
±0.5
ppm/
°C
Unipolar Zero Error(3)
0V to 5V, 0V to 4V Ranges
±3
mV
Unipolar Zero Error Drift
0V to 5V, 0V to 4V Ranges
±0.5
ppm/
°C
Recovery Time to Rated Accuracy
2.2
µF Capacitor to CAP
1
ms
from Power-Down(5)
Power-Supply Sensitivity
+4.75V < VS < +5.25V
±0.5
LSB
(VDIG = VANA = VS)
MAXIMUM
MINIMUM
INTEGRAL
SIGNAL-TO-
SPECIFIED
LINEARITY
(NOISE + DISTORTION)
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
RATIO (DB)
PACKAGE-LEAD DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7806P
±0.9
70
DIP-28
NT
–40
°C to +85°C
ADS7806P
ADS7806P
Tubes, 13
ADS7806PB
±0.45
72
""
"
ADS7806PB
ADS7806PB
Tubes, 13
ADS7806U
±0.9
70
SO-28
DW
–40
°C to +85°C ADS7806U
ADS7806U
Tubes, 28
"
"
"
"
"
"
ADS7806U
ADS7806U/1K
Tape and Reel, 1000
ADS7806UB
±0.45
72
""
"
ADS7806UB
ADS7806UB
Tubes, 28
"
"
"
"
"
"
ADS7806UB
ADS7806UB/1K Tape and Reel, 1000
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.


Podobny numer części - ADS7806UG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7806U BURR-BROWN-ADS7806U Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806UB BURR-BROWN-ADS7806UB Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Podobny opis - ADS7806UG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com