Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7813 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części ADS7813
Szczegółowy opis  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7813 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS7813_16 Datasheet HTML 5Page - Texas Instruments ADS7813_16 Datasheet HTML 6Page - Texas Instruments ADS7813_16 Datasheet HTML 7Page - Texas Instruments ADS7813_16 Datasheet HTML 8Page - Texas Instruments ADS7813_16 Datasheet HTML 9Page - Texas Instruments ADS7813_16 Datasheet HTML 10Page - Texas Instruments ADS7813_16 Datasheet HTML 11Page - Texas Instruments ADS7813_16 Datasheet HTML 12Page - Texas Instruments ADS7813_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADS7813
9
SBAS043C
www.ti.com
BINARY TWO’S COMPLEMENT
DIGITAL OUTPUT
TABLE III. Ideal Input Voltage and Corresponding Digital Output for Two Common Input Ranges.
DESCRIPTION
ANALOG INPUT
Full-Scale Range
±10V
0.5V to 4.5V
Least Significant Bit (LSB)
305
µV61µV
BINARY CODE
HEX CODE
+Full Scale –1LSB
9.999695V
4.499939V
0111 1111 1111 1111
7FFF
Midscale
0V
2.5V
0000 0000 0000 0000
0000
Midscale –1LSB
–305
µV
2.499939
µV
1111 1111 1111 1111
FFFF
–Full Scale
–10V
0.5V
10000 0000 0000 0000
8000
Q
D
S0
Q
Update of the shift
register occurs just prior
to BUSY Rising(1)
D
S1
Q
D
S2
Q
D
S14
Q
D
S15
Q
Shift Register
Working Register
Converter Core
D
SOUT
Q
D
W0
Q
Each flip-flop in the
working register is
latched as the
conversion proceeds
D
W1
Q
D
W2
Q
D
W14
Q
D
W15
•••
Delay
DATA
BUSY
DATACLK
CDAC
Control Logic
Clock
REF
EXT/INT
CONV
CS
NOTE: (1) If EXT/INT is HIGH (external clock), DATACLK is HIGH, and CS is LOW during
this time, the shift register will not be updated and the conversion result will be lost.
FIGURE 3. Block Diagram of the ADS7813’s Digital Inputs and Outputs.
READING DATA
The ADS7813 digital output is in Binary Two’s Comple-
ment (BTC) format. Table III shows the relationship be-
tween the digital output word and the analog input voltage
under ideal conditions.
Figure 3 shows the relationship between the various digital
inputs, digital outputs, and internal logic of the ADS7813.
Figure 4 shows when the internal shift register of the
ADS7813 is updated and how this relates to a single conver-
sion cycle. Together, these two figures point out a very
important aspect of the ADS7813: the conversion result is
not available until after the conversion is complete. The
implications of this are discussed in the following sections.
FIGURE 4. Timing of the Shift Register Update.
CONV
t
6 – t25
t
25
BUSY
NOTE: Update of the internal shift register occurs in the
shaded region. If EXT/INT is HIGH, then DATACLK
must be LOW or CS must be HIGH during this time.


Podobny numer części - ADS7813_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7813P BURR-BROWN-ADS7813P Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813P TI1-ADS7813P Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813PB BURR-BROWN-ADS7813PB Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813PB TI1-ADS7813PB Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813U BURR-BROWN-ADS7813U Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7813_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com