Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7812U Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części ADS7812U
Szczegółowy opis  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7812U Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS7812U Datasheet HTML 6Page - Texas Instruments ADS7812U Datasheet HTML 7Page - Texas Instruments ADS7812U Datasheet HTML 8Page - Texas Instruments ADS7812U Datasheet HTML 9Page - Texas Instruments ADS7812U Datasheet HTML 10Page - Texas Instruments ADS7812U Datasheet HTML 11Page - Texas Instruments ADS7812U Datasheet HTML 12Page - Texas Instruments ADS7812U Datasheet HTML 13Page - Texas Instruments ADS7812U Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
ADS7812
10
SBAS042A
www.ti.com
INTERNAL DATACLK
With EXT/INT tied LOW, the result from conversion ‘n’ is
serially transmitted during conversion ‘n+1’, as shown in
Figure 5 and with the timing given in Table II. Serial
transmission of data occurs only during a conversion. When
a transmission is not in progress, DATA and DATACLK are
LOW.
During the conversion, the results of the previous conver-
sion will be transmitted via DATA, while DATACLK
provides the synchronous clock for the serial data. The data
format is 12-bit, Binary Two’s Complement, and MSB first.
Each data bit is valid on both the rising and falling edges of
DATACLK. BUSY is LOW during the entire serial trans-
mission and can be used as a frame synchronization signal.
EXTERNAL DATACLK
With EXT/INT tied HIGH, the result from conversion ‘n’ is
clocked out after the conversion has completed, during the
next conversion (‘n+1’), or a combination of these two.
Figure 6 shows the case of reading the conversion result
after the conversion is complete. Figure 7 describes reading
the result during the next conversion. Figure 8 combines the
important aspects of Figures 6 and 7 as to reading part of the
result after the conversion is complete and the remainder
during the next conversion.
The serial transmission of the conversion result is initiated
by a rising edge on DATACLK. The data format is 12-bit,
Binary Two’s Complement, and MSB first. Each data bit is
valid on the falling edge of DATACLK. In some cases, it
t
17
DATACLK
BUSY
CONV
t
1
t
12
t
18
t
16
t
14
t
13
t
15
1
1
2
3
10
11
12
DATA
MSB
Bit 10
Bit 9
Bit 2
Bit 1
LSB
MSB
BUSY
CONV
t
1
t
5
DATACLK
t
4
t
23
t
22
t
21
t
20
t
19
1234
10
11
12
DATA
MSB
Bit 10
Bit 9
Bit 2
Bit 1
LSB
FIGURE 5. Serial Data Timing, Internal Clock (EXT/INT and CS LOW).
FIGURE 6. Serial Data Timing, External Clock, Clocking After the Conversion Completes (EXT/INT HIGH, CS LOW).


Podobny numer części - ADS7812U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7812U BURR-BROWN-ADS7812U Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812U TI1-ADS7812U Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812UB BURR-BROWN-ADS7812UB Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812UB TI1-ADS7812UB Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812UBE4 TI1-ADS7812UBE4 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7812U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com