Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7253 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7253
Szczegółowy opis  Simultaneous-Sampling, Analog-to-Digital Converters
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7253 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS7253 Datasheet HTML 6Page - Texas Instruments ADS7253 Datasheet HTML 7Page - Texas Instruments ADS7253 Datasheet HTML 8Page - Texas Instruments ADS7253 Datasheet HTML 9Page - Texas Instruments ADS7253 Datasheet HTML 10Page - Texas Instruments ADS7253 Datasheet HTML 11Page - Texas Instruments ADS7253 Datasheet HTML 12Page - Texas Instruments ADS7253 Datasheet HTML 13Page - Texas Instruments ADS7253 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
ADS8353, ADS7853, ADS7253
SBAS584B – OCTOBER 2013 – REVISED AUGUST 2014
www.ti.com
Electrical Characteristics: All Devices (continued)
All minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 5 V, DVDD = 3.3 V, VREF_A = VREF_B = VREF =
2.5 V, and fDATA = maximum, unless otherwise noted.
Typical values are at TA = 25°C, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SAMPLING DYNAMICS
tA
Aperture delay
8
ns
tA match
ADC_A to ADC_B
40
ps
tAJIT
Aperture jitter
50
ps
DIGITAL INPUTS(3)
DVDD > 2.3 V
0.7 DVDD
DVDD + 0.3
V
VIH
High-level input voltage
DVDD
≤ 2.3 V
0.8 DVDD
DVDD + 0.3
V
DVDD > 2.3 V
–0.3
0.3 DVDD
V
VIL
Low-level input voltage
DVDD
≤ 2.3 V
–0.3
0.2 DVDD
V
Input current
±10
nA
DIGITAL OUTPUTS (3)
VOH
High-level output voltage
IOH = 500-µA source
0.8 DVDD
DVDD
V
VOL
Low-level output voltage
IOH = 500-µA sink
0
0.2 DVDD
V
POWER SUPPLY
Internal reference
4.5
5.0
5.5
V
External reference:
±VREF
4.5
5.0
5.5
V
VEXT_REF < 4.5 V
range
Analog supply voltage
AVDD
External reference:
(AVDD to AGND)
VEXT_REF
5.0
5.5
V
VEXT_REF > 4.5 V
Internal reference
5.0
5.0
5.5
V
±2 × VREF
range
External reference
2 × VREF_EXT
5.0
5.5
V
Digital supply voltage
DVDD
1.65
5.5
V
(DVDD to AGND)
AVDD = 5 V, fastest throughput
8.5
10
mA
internal reference
AVDD = 5 V, fastest throughput
7.5
mA
external reference(4)
AVDD = 5 V, no conversion
5.5
7
mA
internal reference
AIDD
Analog supply current
AVDD = 5 V, no conversion
4.5
mA
external reference(4)
AVDD = 5 V, STANDBY mode
2.5
mA
Internal Reference
AVDD = 5 V, STANDBY mode
1
mA
external reference(4)
Power-down mode
10
50
μA
DVDD = 3.3 V, CLOAD = 10 pF,
0.5
mA
fastest throughput
DIDD
Digital supply current
DVDD = 5 V, CLOAD = 10 pF
1
mA
fastest throughput
Power dissipation
AVDD = 5V, fastest throughput,
PD
42.5
50
mW
(normal operation)
internal reference
(3)
Specified by design; not production tested.
(4)
With internal reference powered down, CFR.B6 = 0.
10
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: ADS8353 ADS7853 ADS7253


Podobny numer części - ADS7253

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7250 TI1-ADS7250 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTER TI1-ADS7250IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTET TI1-ADS7250IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7251IRTER TI1-ADS7251IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
More results

Podobny opis - ADS7253

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com