Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7253IRTET Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7253IRTET
Szczegółowy opis  Simultaneous-Sampling, Analog-to-Digital Converters
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7253IRTET Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS7253IRTET Datasheet HTML 5Page - Texas Instruments ADS7253IRTET Datasheet HTML 6Page - Texas Instruments ADS7253IRTET Datasheet HTML 7Page - Texas Instruments ADS7253IRTET Datasheet HTML 8Page - Texas Instruments ADS7253IRTET Datasheet HTML 9Page - Texas Instruments ADS7253IRTET Datasheet HTML 10Page - Texas Instruments ADS7253IRTET Datasheet HTML 11Page - Texas Instruments ADS7253IRTET Datasheet HTML 12Page - Texas Instruments ADS7253IRTET Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
ADS8353, ADS7853, ADS7253
www.ti.com
SBAS584B – OCTOBER 2013 – REVISED AUGUST 2014
7.8 Electrical Characteristics: All Devices
All minimum and maximum specifications are at TA = –40°C to 125°C, AVDD = 5 V, DVDD = 3.3 V, VREF_A = VREF_B = VREF =
2.5 V, and fDATA = maximum, unless otherwise noted.
Typical values are at TA = 25°C, AVDD = 5 V, and DVDD = 3.3 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Single-ended input,
0
VREF
V
AINM_x = GND
VREF
range
Pseudo-differential input,
–VREF / 2
VREF / 2
V
AINM_x = +VREF / 2
Full-scale input range(1)
Single-ended input,
FSR
(AINP_x – AINM_x)
AINM_x = GND,
0
2 × VREF
V
AVDD
≥ 2 × VREF
2 × VREF
range
Pseudo-differential input,
AINM_x = +VREF,
–VREF
VREF
V
AVDD
≥ 2 × VREF
VREF range
0
VREF
V
Absolute input voltage
VINP
(AINP_x to REFGND)
2 × VREF range, AVDD ≥ 2 × VREF
0
2 × VREF
V
Single-ended input
–0.1
0.1
V
VREF
range
Pseudo-differential input
VREF / 2 – 0.1
VREF / 2
VREF / 2 + 0.1
V
Absolute input voltage
Single-ended input,
VINM
–0.1
0.1
V
(AINM_x to REFGND)
AVDD
≥ 2 × VREF
2 × VREF
range
Pseudo-differential input,
VREF – 0.1
VREF
VREF + 0.1
V
AVDD
≥ 2 × VREF
In sample mode
40
pF
Ci
Input capacitance
In hold mode
4
pF
Ilkg(i)
Input leakage current
0.1
µA
INTERNAL VOLTAGE REFERENCE
REFDAC_x = 1FFh (default),
VREFOUT
Reference output voltage
2.495
2.500
2.505
V
at 25°C
REFDAC_x = 1FFh (default),
VREF-match
VREF_A to VREF_B matching
±1
mV
at 25°C
REFDAC_x resolution(2)
1.1
mV
Reference voltage
dVREFOUT/dT
REFDAC_x = 1FFh (default)
±10
ppm/°C
temperature drift
dVREFOUT/dt
Long-term stability
1000 hours
150
ppm
Internal reference output
RO
1
Ω
impedance
Reference output dc
IREFOUT
2
mA
current
Recommended output
CREFOUT
10
µF
capacitor
Reference output settling
tREFON
For CREF = 10 μF
8
ms
time
VOLTAGE REFERENCE INPUT
VREF range
2.4
2.5
AVDD
V
VREF
Reference voltage (input)
2 × VREF range
2.4
2.5
AVDD / 2
V
Average Reference input
IREF
Per ADC
300
μA
current
External ceramic
CREF
10
μF
reference capacitance
Ilkg(dc)
DC leakage current
±0.1
μA
(1)
Ideal input span, does not include gain or offset error.
(2)
Refer to the Reference section for more details.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADS8353 ADS7853 ADS7253


Podobny numer części - ADS7253IRTET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7250 TI1-ADS7250 Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTER TI1-ADS7250IRTER Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7250IRTET TI1-ADS7250IRTET Datasheet
2Mb / 43P
[Old version datasheet]   ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
ADS7251 TI1-ADS7251 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7251IRTER TI1-ADS7251IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
More results

Podobny opis - ADS7253IRTET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com