Zakładka z wyszukiwarką danych komponentów |
|
ADS7813UG4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
ADS7813UG4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 25 page ADS7813 2 SBAS043C www.ti.com ELECTRICAL CHARACTERISTICS At TA = –40°C to +85°C, fS = 40kHz, VS = +5V ±5%, using internal reference, unless otherwise specified. ADS7813P, U ADS7813PB, UB PARAMETER CONDITIONS MIN TYP MAX MIN TYP MAX UNITS ABSOLUTE MAXIMUM RATINGS(1) Analog Inputs: R1IN ......................................................................... ±16.5V R2IN ................................................ GND – 0.3V to +16.5V R3IN ......................................................................... ±16.5V REF ............................................ GND – 0.3V to VS + 0.3V CAP ............................................... Indefinite Short to GND Momentary Short to VS VS ........................................................................................................... 7V Digital Inputs ...................................................... GND – 0.3V to VS + 0.3V Maximum Junction Temperature ................................................... +165 °C Internal Power Dissipation ............................................................. 825mW Lead Temperature (soldering, 10s) ............................................... +300 °C NOTE: (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Texas Instru- ments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. RESOLUTION 16 ✻ Bits ANALOG INPUT Voltage Range See Table I ✻ Impedance See Table I ✻ Capacitance 35 ✻ pF THROUGHPUT SPEED Conversion Time 20 ✻ µs Complete Cycle Acquire and Convert 25 ✻ µs Throughput Rate 40 ✻ kHz DC ACCURACY Integral Linearity Error ±3 ✻ ±2 LSB(1) Differential Linearity Error +3, –2 ✻ +2, –1 LSB No Missing Codes 15 16 Bits Transition Noise(2) 0.6 ✻ LSB Full Scale Error(3) ±0.5 ±0.25 % Full Scale Error Drift ±14 ✻ ppm/ °C Full Scale Error(3) Ext. 2.5000V Ref ±0.5 ±0.25 % Full Scale Error Drift Ext. 2.5000V Ref ±5 ✻ ppm/ °C Bipolar Zero Error Bipolar Ranges ±10 ✻ mV Bipolar Zero Error Drift Bipolar Ranges ±3 ✻ ppm/ °C Unipolar Zero Error Unipolar Ranges ±6 ✻ mV Unipolar Zero Error Drift Unipolar Ranges ±3 ✻ ppm/ °C Recovery Time to Rated Accuracy 1.0 µF Capacitor to CAP 300 ✻ µs from Power Down(4) Power Supply Sensitivity +4.75V < (VS = +5V) < +5.25 ±12 ✻ LSB AC ACCURACY Spurious-Free Dynamic Range fIN = 1kHz 90 100 96 102 dB(5) Total Harmonic Distortion fIN = 1kHz –98 –90 –100 –96 dB Signal-to-(Noise+Distortion) fIN = 1kHz 85 89 87 ✻ dB Signal-to-Noise fIN = 1kHz 85 89 87 ✻ dB Useable Bandwidth(6) 130 ✻ kHz Full Power –3dB Bandwidth 600 ✻ kHz MINIMUM MAXIMUM SPECIFIED SIGNAL-TO- INTEGRAL NO MISSING (NOISE + SPECIFIED LINEARITY CODE LEVEL DISTORTION) PACKAGE TEMPERATURE PACKAGE ORDERING TRANSPORT PRODUCT ERROR (LSB) (LSB) RATIO (DB) PACKAGE-LEAD DESIGNATOR RANGE MARKING NUMBER MEDIA, QUANTITY ADS7813P ±3 15 85 Dip-16 N –40 °C to +85°C ADS7813P ADS7813P Tubes, 25 ADS7813PB ±216 87 "" " ADS7813PB ADS7813PB Tubes, 25 ADS7813U ±3 15 85 SO-16 DW –40 °C to +85°C ADS7813U ADS7813U Tubes, 48 " " " " " " " " ADS7813U/1K Tape and Reel, 1000 ADS7813UB ±2 16 87 SO-16 DW –40 °C to +85°C ADS7813UB ADS7813UB Tubes, 48 " " " " " " " " ADS7813UB/1K Tape and Reel, 1000 PACKAGE/ORDERING INFORMATION(1) NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI web site at www.ti.com. |
Podobny numer części - ADS7813UG4 |
|
Podobny opis - ADS7813UG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |