Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08D1000QML Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADC08D1000QML
Szczegółowy opis  High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1000QML Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADC08D1000QML Datasheet HTML 3Page - Texas Instruments ADC08D1000QML Datasheet HTML 4Page - Texas Instruments ADC08D1000QML Datasheet HTML 5Page - Texas Instruments ADC08D1000QML Datasheet HTML 6Page - Texas Instruments ADC08D1000QML Datasheet HTML 7Page - Texas Instruments ADC08D1000QML Datasheet HTML 8Page - Texas Instruments ADC08D1000QML Datasheet HTML 9Page - Texas Instruments ADC08D1000QML Datasheet HTML 10Page - Texas Instruments ADC08D1000QML Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
VDR
DR GND
+
-
+
-
ADC08D1000QML, ADC08D1000QML-SP
ADC08D1000WG-QV
www.ti.com
SNAS352G – JANUARY 2007 – REVISED MARCH 2013
Pin Descriptions and Equivalent Circuits (continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
Out Of Range output. A differential high at these pins indicates that
79
OR+
the differential input is out of range (outside the range ±325 mV or
80
OR-
±435 mV as defined by the FSR pin).
Differential Clock outputs used to latch the output data. Delayed
and non-delayed data outputs are supplied synchronous to this
82
DCLK+
signal. This signal is at 1/2 the input clock rate in SDR mode and at
81
DCLK-
1/4 the input clock rate in the DDR mode. DCLK outputs are not
active during a calibration cycle.
2, 5, 8, 13,
16, 17, 20,
VA
Analog power supply pins. Bypass these pins to ground.
25, 28, 33,
128
40, 51 ,62,
73, 88, 99,
VDR
Output Driver power supply pins. Bypass these pins to DR GND.
110, 121
1, 6, 9, 12,
21, 24, 27,
GND
Ground return for VA.
41
42, 53, 64,
74, 87, 97,
DR GND
Ground return for VDR.
108, 119
52, 63, 98,
NC
No Connection. Make no connection to these pins.
109, 120
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VA, VDR)
2.2V
Voltage on Any Input Pin
−0.15V to (VA +0.15V)
Voltage on VIN
+, V
IN
-
(Maintaining Common Mode)
−0.15V to 2.5V
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin(3)
±25 mA
Package Input Current(3)
±50 mA
ESD Susceptibility (4)
Human Body Model
Class 3A (6000V)
Soldering Temperature, Infrared
10 seconds
235°C
Storage Temperature
−65°C to +175°C
(1)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no ensured specification of
operation at the Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure
specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications
apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
(3)
When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two. This limit is not placed upon the power, ground and digital output pins.
(4)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08D1000QML ADC08D1000QML-SP ADC08D1000WG-QV


Podobny numer części - ADC08D1000QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results

Podobny opis - ADC08D1000QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
   High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000 Datasheet
718Kb / 29P
   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
[Old version datasheet]   High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com