Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08DL500 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części ADC08DL500
Szczegółowy opis  Low Power, 8-Bit, Dual 500 MSPS A/D Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08DL500 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button ADC08DL500_15 Datasheet HTML 4Page - Texas Instruments ADC08DL500_15 Datasheet HTML 5Page - Texas Instruments ADC08DL500_15 Datasheet HTML 6Page - Texas Instruments ADC08DL500_15 Datasheet HTML 7Page - Texas Instruments ADC08DL500_15 Datasheet HTML 8Page - Texas Instruments ADC08DL500_15 Datasheet HTML 9Page - Texas Instruments ADC08DL500_15 Datasheet HTML 10Page - Texas Instruments ADC08DL500_15 Datasheet HTML 11Page - Texas Instruments ADC08DL500_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
VDR
DR GND
+
-
+
-
ADC08DL500
SNAS495C – MARCH 2011 – REVISED MARCH 2011
www.ti.com
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
93 / 88
DI7
− / DQ7−
94 / 87
DI7+ / DQ7+
95 / 86
DI6
− / DQ6−
96 / 85
DI6+ / DQ6+
99 / 82
DI5
− / DQ5−
100 / 81
DI5+ / DQ5+
I and Q channel LVDS Data Outputs that are not delayed in
101 / 80
DI4
− / DQ4−
the output demultiplexer. Compared with the DId and DQd
102 / 79
DI4+ / DQ4+
outputs, these outputs represent the later time samples.
103 / 78
DI3
− / DQ3−
These outputs should always be terminated with a 100
104 / 77
DI3+ / DQ3+
differential resistor.
105 / 76
DI2
− / DQ2−
106 / 75
DI2+ / DQ2+
114 / 67
DI1
− / DQ1−
115 / 66
DI1+ / DQ1+
116 / 65
DI0
− / DQ0−
117 / 64
DI0+ / DQ0+
118 / 63
DId7
− / DQd7−
119 / 62
DId7+ / DQd7+
120 / 61
DId6
− / DQd6−
121 / 60
DId6+ / DQd6+
125 / 56
DId5
− / DQd5−
I and Q channel LVDS Data Outputs that are delayed by one
126 / 55
DId5+ / DQd5+
CLK cycle in the output demultiplexer. Compared with the
127 / 54
DId4
− / DQd4−
DI/DQ outputs, these outputs represent the earlier time
128 / 53
DId4+ / DQd4+
sample. These outputs should be terminated with a 100
129 / 52
DId3
− / DQd3−
differential resistor when enabled. In non-demultiplexed
130 / 51
DId3+ / DQd3+
mode, these outputs are disabled and are high impedance
131 / 50
DId2
− / DQd2−
when enabled. When disabled, these outputs must be left
132 / 49
DId2+ / DQd2+
floating.
136 / 45
DId1
− / DQd1−
137 / 44
DId1+ / DQd1+
138 / 43
DId0
− / DQd0−
139 / 42
DId0+ / DQd0+
Out Of Range output. A differential high at these pins
indicates that the differential input is out of range (outside the
range ±VIN/2 as programmed by the FSR pin in non-extended
89
OR+/DCLK2+
control mode or the Input Full-Scale Voltage Adjust register
90
OR-/DCLK2-
setting in the extended control mode). DCLK2 is the exact
mirror of DCLK and should output the same signal at the
same rate. DCLK2+/- functionality: (6)
Data Clock. Differential Clock outputs used to latch the output
data. Delayed and non-delayed data outputs are supplied
synchronous to this signal. In 1:2 demultiplexed mode, this
signal is at 1/2 the input clock rate in SDR mode and at 1/4
the input clock rate in the DDR mode. By default, the DCLK
outputs are not active during the termination resistor trim
section of the calibration cycle. If a system requires DCLK to
run continuously during a calibration cycle, the termination
92
DCLK+
resistor trim portion of the cycle can be disabled by setting
91
DCLK-
the Resistor Trim Disable (RTD) bit to logic high in the
Extended Configuration Register (address 9h). This disables
all subsequent termination resistor trims after the initial trim
which occurs during the power on calibration. Therefore, this
output is not recommended as a system clock unless the
resistor trim is disabled. When the device is in the non-
demultiplexed mode, DCLK can only be in DDR mode and
the signal is at 1/2 the input clock rate.
4, 7, 10, 15,
18, 19, 22,
VA
NONE
Analog power supply pins. Bypass these pins to ground.
27, 30, 39,
142
46, 57, 68,
Output Driver power supply pins. Bypass these pins to DR
83, 98, 113,
VDR
NONE
GND.
124, 135
(6)
This pin/bit functionality is not tested in production test; performance is tested in the specified/default mode only.
8
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Links: ADC08DL500


Podobny numer części - ADC08DL500_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC08DL500 TI1-ADC08DL500_14 Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results

Podobny opis - ADC08DL500_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC08DL502 TI1-ADC08DL502 Datasheet
1Mb / 43P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500 Datasheet
1Mb / 48P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_14 Datasheet
738Kb / 57P
[Old version datasheet]   ADC08DL500 Low Power, 8-Bit, Dual 500 MSPS A/D Converter
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502 Datasheet
877Kb / 43P
[Old version datasheet]   ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com