Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC08L060 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADC08L060
Szczegółowy opis  10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08L060 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADC08L060_15 Datasheet HTML 1Page - Texas Instruments ADC08L060_15 Datasheet HTML 2Page - Texas Instruments ADC08L060_15 Datasheet HTML 3Page - Texas Instruments ADC08L060_15 Datasheet HTML 4Page - Texas Instruments ADC08L060_15 Datasheet HTML 5Page - Texas Instruments ADC08L060_15 Datasheet HTML 6Page - Texas Instruments ADC08L060_15 Datasheet HTML 7Page - Texas Instruments ADC08L060_15 Datasheet HTML 8Page - Texas Instruments ADC08L060_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADC08L060
www.ti.com
SNAS167G – MAY 2002 – REVISED MARCH 2013
Converter Electrical Characteristics
The following specifications apply for VA = VDR = +3.0VDC, VRT = +1.9V, VRB = 0.3V, CL = 10 pF, fCLK = 60 MHz at 50% duty
cycle. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
(1) (2) (3)
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
DC ACCURACY
+0.5
+1.9
LSB (max)
INL
Integral Non-Linearity
−0.2
−1.35
LSB (min)
DNL
Differential Non-Linearity
±0.25
±0.90
LSB (max)
Missing Codes
0
(max)
FSE
Full Scale Error
3.0
±13
mV (max)
VOFF
Zero Scale Offset Error
19
27
mV (max)
ANALOG INPUT AND REFERENCE CHARACTERISTICS
VRB
V (min)
VIN
Input Voltage
1.6
VRT
V (max)
(CLK LOW)
3
pF
CIN
VIN Input Capacitance
VIN = 0.75V +0.5 Vrms
(CLK HIGH)
4
pF
RIN
RIN Input Resistance
>1
M
BW
Full Power Bandwidth
270
MHz
VA
V (max)
VRT
Top Reference Voltage
1.9
0.5
V (min)
VRT − 0.5
V (max)
VRB
Bottom Reference Voltage
0.3
0
V (min)
2.3
V (max)
VRT - VRB
Reference Delta
1.6
1.0
V (min)
590
Ω (min)
RREF
Reference Ladder Resistance
VRT to VRB
720
1070
Ω (max)
1.5
mA (min)
Iref
Reference Ladder Current
VRT to VRB
2.2
2.7
mA (max)
(1)
The Electrical characteristics tables list ensured specifications under the listed Recommended Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations for room temperature only
and are not ensured.
(2)
The analog inputs are protected as shown below. Input voltage magnitudes up to VA + 300 mV or to 300 mV below GND will not
damage this device. However, errors in the A/D conversion can occur if the input goes above VDR or below GND by more than 100 mV.
For example, if VA is 2.7VDC the full-scale input voltage must be ≤2.8VDC to ensure accurate conversions.
(3)
To ensure accuracy, it is required that VA and VDR be well bypassed. Each supply pin must be decoupled with separate bypass
capacitors.
(4)
Typical figures are at TJ = 25°C, and represent most likely parametric norms at specific conditions at the time of product characterization
and are not ensured. Test limits are specifid to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC08L060


Podobny numer części - ADC08L060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results

Podobny opis - ADC08L060_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
   8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
   8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC10030 NSC-ADC10030 Datasheet
417Kb / 17P
   10-Bit, 30 MSPS, 125 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC10221 NSC-ADC10221 Datasheet
414Kb / 16P
   10-Bit, 15 MSPS, 98 mW A/D Converter with Internal Sample and Hold
logo
Texas Instruments
ADC12010 TI1-ADC12010 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com