Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS54J42IRMP Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS54J42IRMP
Szczegółowy opis  Dual-Channel, 14-Bit, 625-MSPS, Analog-to-Digital Converter
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54J42IRMP Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS54J42IRMP Datasheet HTML 5Page - Texas Instruments ADS54J42IRMP Datasheet HTML 6Page - Texas Instruments ADS54J42IRMP Datasheet HTML 7Page - Texas Instruments ADS54J42IRMP Datasheet HTML 8Page - Texas Instruments ADS54J42IRMP Datasheet HTML 9Page - Texas Instruments ADS54J42IRMP Datasheet HTML 10Page - Texas Instruments ADS54J42IRMP Datasheet HTML 11Page - Texas Instruments ADS54J42IRMP Datasheet HTML 12Page - Texas Instruments ADS54J42IRMP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
9
ADS54J42
www.ti.com
SBAS756A – FEBRUARY 2016 – REVISED MARCH 2016
Product Folder Links: ADS54J42
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
AC Characteristics (continued)
typical values are at TA = 25°C, full temperature range is from TMIN = –40°C to TMAX = 85°C, ADC sampling rate = 625 MSPS,
50% clock duty cycle, AVDD3V = 3.0 V, AVDD = DVDD = 1.9 V, IOVDD = 1.15 V, –1-dBFS differential input amplitude, and
0-dB digital gain (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HD2
Second-order harmonic
distortion
fIN = 10 MHz, AIN = –1 dBFS
90
dBc
fIN = 100 MHz, AIN = –1 dBFS
98
fIN = 170 MHz, AIN = –1 dBFS
76
95
fIN = 230 MHz, AIN = –1 dBFS
88
fIN = 270 MHz, AIN = –1 dBFS
85
fIN = 300 MHz, AIN = –1 dBFS
81
fIN = 370 MHz, AIN = –1 dBFS
73
fIN = 470 MHz, AIN = –3 dBFS
70
fIN = 720 MHz
AIN = –6 dBFS
64
AIN = –6 dBFS, gain = 5 dB
65
HD3
Third-order harmonic
distortion
fIN = 10 MHz, AIN = –1 dBFS
98
dBc
fIN = 100 MHz, AIN = –1 dBFS
85
fIN = 170 MHz, AIN = –1 dBFS
76
85
fIN = 230 MHz, AIN = –1 dBFS
80
fIN = 270 MHz, AIN = –1 dBFS
84
fIN = 300 MHz, AIN = –1 dBFS
84
fIN = 370 MHz, AIN = –1 dBFS
80
fIN = 470 MHz, AIN = –3 dBFS
69
fIN = 720 MHz
AIN = –6 dBFS
75
AIN = –6 dBFS, gain = 5 dB
77
Non
HD2,
HD3
Spurious-free dynamic range
(excluding HD2, HD3, and IL
spur)
fIN = 10 MHz, AIN = –1 dBFS
96
dBFS
fIN = 100 MHz, AIN = –1 dBFS
97
fIN = 170 MHz, AIN = –1 dBFS
79
96
fIN = 230 MHz, AIN = –1 dBFS
94
fIN = 270 MHz, AIN = –1 dBFS
94
fIN = 300 MHz, AIN = –1 dBFS
93
fIN = 370 MHz, AIN = –1 dBFS
88
fIN = 470 MHz, AIN = –3 dBFS
90
fIN = 720 MHz
AIN = –6 dBFS
82
AIN = –6 dBFS, gain = 5 dB
83
ENOB
Effective number of bits
fIN = 10 MHz, AIN = –1 dBFS
11.6
Bits
fIN = 100 MHz, AIN = –1 dBFS
11.6
fIN = 170 MHz, AIN = –1 dBFS
10.8
11.5
fIN = 230 MHz, AIN = –1 dBFS
11.3
fIN = 270 MHz, AIN = –1 dBFS
11.3
fIN = 300 MHz, AIN = –1 dBFS
11.2
fIN = 370 MHz, AIN = –1 dBFS
11.0
fIN = 470 MHz, AIN = –3 dBFS
10.7
fIN = 720 MHz
AIN = –6 dBFS
10.6
AIN = –6 dBFS, gain = 5 dB
9.8


Podobny numer części - ADS54J42IRMP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS54J40 TI1-ADS54J40 Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMP TI1-ADS54J40IRMP Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
ADS54J40IRMPT TI1-ADS54J40IRMPT Datasheet
4Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 1.0-GSPS Analog-to-Digital Converter
More results

Podobny opis - ADS54J42IRMP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
[Old version datasheet]   Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
DAC3282 TI-DAC3282 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282 TI-DAC3282_10 Datasheet
1Mb / 51P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3282_101 TI-DAC3282_101 Datasheet
1Mb / 53P
[Old version datasheet]   16-Bit, 625 MSPS, 2x Interpolating, Dual-Channel Digital-to-Analog Converter (DAC)
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com