Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS127L01 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS127L01
Szczegółowy opis  24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS127L01 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS127L01 Datasheet HTML 6Page - Texas Instruments ADS127L01 Datasheet HTML 7Page - Texas Instruments ADS127L01 Datasheet HTML 8Page - Texas Instruments ADS127L01 Datasheet HTML 9Page - Texas Instruments ADS127L01 Datasheet HTML 10Page - Texas Instruments ADS127L01 Datasheet HTML 11Page - Texas Instruments ADS127L01 Datasheet HTML 12Page - Texas Instruments ADS127L01 Datasheet HTML 13Page - Texas Instruments ADS127L01 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
ADS127L01
SBAS607A – APRIL 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: ADS127L01
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
CS can be tied low permanently in case the serial bus is not shared with any other device.
(2)
See the SPI Timeout section for more information.
6.6
Timing Requirements: Serial Interface
over operating ambient temperature range (unless otherwise noted)
2.8 V < DVDD
≤ 3.6 V
1.7 V
≤ DVDD ≤ 2.8 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tc(CLK)
Master clock period
HR mode
57
10,000
57
10,000
ns
LP mode
114
10,000
114
10,000
VLP mode
227
10,000
227
10,000
tw(CP)
Master clock high and low
pulse duration
HR mode
28
5,000
28
5,000
ns
LP mode
56
5,000
56
5,000
VLP mode
112
5,000
112
5,000
td(CSSC)
Delay time, CS falling edge to first SCLK rising
edge(1)
8
12
ns
tc(SC)
SCLK period
40
6250
50
6250
ns
tw(SCHL)
Pulse duration, SCLK high or low
20
25
ns
tsu(DI)
Setup time, DIN valid before SCLK falling edge
6
9
ns
th(DI)
Hold time, DIN valid after SCLK falling edge
8
9
ns
tw(CSH)
Pulse duration, CS high
6
6
tCLK
td(SCCS)
Delay time, final SCLK falling edge to CS rising
edge
2
2
tCLK
td(DECODE)
Delay time, command decode time
4
4
tCLK
SPI timeout(2)
TOUT_DEL = 0
216
216
tCLK
TOUT_DEL = 1
214
214
tCLK
tsu(DCI)
Setup time, DAISYIN valid before SCLK falling
edge
5
8
ns
th(DCI)
Hold time, DAISYIN valid after SCLK falling
edge
20
25
ns
6.7 Switching Characteristics: Serial Interface
over operating free-air temperature range (unless otherwise noted)
2.8 V < DVDD
≤ 3.6 V
1.7 V
≤ DVDD ≤ 2.8 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
tp(CSDO)
Propagation delay time
CS falling edge to DOUT driven
12
18
ns
tp(SCDO)
Propagation delay time
SCLK rising edge to valid new DOUT
15
21
ns
tv(DO)
Valid time, SCLK falling edge to DOUT invalid
18
tSCLK / 2
20
tSCLK / 2
ns
tp(CSDOZ)
Propagation delay time
CS rising edge to DOUT high impedance
20
20
ns


Podobny numer części - ADS127L01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS127L01 TI1-ADS127L01 Datasheet
2Mb / 70P
[Old version datasheet]   Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
More results

Podobny opis - ADS127L01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1271 TI1-ADS1271_14 Datasheet
794Kb / 39P
[Old version datasheet]   24-bit, Wide Bandwidth Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com