Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS131A02 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS131A02
Szczegółowy opis  2- or 4-Channel, 24-Bit, Analog Front-Ends for Power Monitoring, Control, and Protection
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS131A02 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS131A02_16 Datasheet HTML 2Page - Texas Instruments ADS131A02_16 Datasheet HTML 3Page - Texas Instruments ADS131A02_16 Datasheet HTML 4Page - Texas Instruments ADS131A02_16 Datasheet HTML 5Page - Texas Instruments ADS131A02_16 Datasheet HTML 6Page - Texas Instruments ADS131A02_16 Datasheet HTML 7Page - Texas Instruments ADS131A02_16 Datasheet HTML 8Page - Texas Instruments ADS131A02_16 Datasheet HTML 9Page - Texas Instruments ADS131A02_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
6
ADS131A02, ADS131A04
SBAS590A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: ADS131A02 ADS131A04
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
VNCPEN is bit 7 of the A_SYS_CFG register.
(2)
Tie IOVDD to the CAP pin if IOVDD
≤ 2.0 V.
(3)
CMRR is measured with a common-mode signal of (VAVSS + 0.3 V) to (VAVDD – 0.3 V).
(4)
Set IOVDD > 3.0 V to use a crystal across the XTAL1/CLKIN and XTAL2 pins.
7.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
Negative Charge Pump Enabled (VNCPEN(1) = 1)
Analog supply voltage
VAVDD to VAVSS
3.0
3.3
3.45
V
VAVDD to VGND
3.0
3.3
3.45
VAVSS to VGND
–0.05
0
0.05
Digital supply voltage(2)
VIOVDD to VGND
1.65
3.3
3.6
V
Negative Charge Pump Disabled (VNCPEN = 0)
Analog supply voltage
VAVDD to VAVSS
3.0
5.0
5.5
V
VAVDD to VGND
1.5
2.5
5.5
VAVSS to VGND
–2.75
–2.5
0.05
Digital supply voltage(2)
VIOVDD to VGND
1.65
3.3
3.6
V
ANALOG INPUTS
VIN
Differential input voltage
VIN = VAINxP – VAINxN
–VREF / Gain
VREF / Gain
V
VCM
Common-mode input voltage(3)
VAVSS
VAVDD
V
VAINxP, VAINxN
Absolute input voltage
VAVSS
VAVDD
V
EXTERNAL REFERENCE
Reference input voltage
REFEXT – REFN
2.0
2.5
VAVDD – 0.5
VREF
VREFN
Reference negative input
VAVSS
V
VREFEXT
External reference positive input
VREFN + 2.0
VREFN + 2.5
VAVDD – 0.5
V
EXTERNAL CLOCK SOURCE
fCLKIN
External clock input frequency
IOVDD > 2.7 V
0.4
16.384
25
MHz
IOVDD
≤ 2.7 V
0.4
8.192
15.6
XTAL clock frequency(4)
16.384
16.5
MHz
fSCLK
SCLK input to derive fMOD
CLKSRC bit = 1, fSCLK = fICLK,
IOVDD > 2.7 V
0.2
16.384
25
MHz
CLKSRC bit = 1, fSCLK = fICLK,
IOVDD
≤ 2.7 V
0.2
8.192
15.6
DIGITAL INPUTS
Digital input voltage
GND
IOVDD
V
TEMPERATURE
TA
Operating ambient temperature
–40
125
°C


Podobny numer części - ADS131A02_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS131B02-Q1 TI-ADS131B02-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B02QPWRQ1 TI-ADS131B02QPWRQ1 Datasheet
2Mb / 69P
[Old version datasheet]   ADS131B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
SEPTEMBER 2021
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
ADS131B04-Q1 TI-ADS131B04-Q1_V01 Datasheet
2Mb / 72P
[Old version datasheet]   ADS131B04-Q1 Automotive, 4-Channel, 32-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
More results

Podobny opis - ADS131A02_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
[Old version datasheet]   ANALOG MONITORING AND CONTROL CIRCUIT
AFE439A2 TI1-AFE439A2 Datasheet
2Mb / 69P
[Old version datasheet]   AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com