Zakładka z wyszukiwarką danych komponentów |
|
ADS774JUE4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
ADS774JUE4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 21 page ® ADS774 10 FIGURE 7. 12-Bit Data Format for 8-Bit Systems. 12/8 A STATUS DB11 (MSB) DB0 (LSB) Digital Common O ADS774 28 27 26 25 24 23 22 21 20 19 18 17 16 15 2 4 Data Bus Address Bus A O S/H CONTROL MODE AND ADC774 EMULATION MODE The Emulation Mode allows the ADS774 to be dropped into most existing ADC774 sockets without changes to other system hardware or software. In existing sockets, the analog input is held stable during the conversion period so that accurate conversions can proceed, but the input can change rapidly at any time before the conversion starts. The Emula- tion Mode uses the stability of the analog input during the conversion period to both acquire and convert in a maximum of 8 µs (8.5µs over temperature.) In fact, system throughput can be increased, since the input to the ADS774 can start slewing before the end of a conversion (after the acquisition time), which is not possible with existing ADC774s. The Control Mode is provided to allow full use of the internal sample/hold, eliminating the need for an external sample/hold in most applications. As compared with sys- tems using separate sample/hold and A/D, the ADS774 in the Control Mode also eliminates the need for one of the control signals, usually the convert command. The com- mand that puts the internal sample/hold in the hold state also initiates a conversion, reducing timing constraints in many systems. The basic difference between these two modes is the assumptions about the state of the input signal both before and during the conversion. The differences are shown in Figure 9 and Table VI. In the Control Mode, it is assumed that during the required 1.4 µs acquisition time the signal is not changing faster than the ADS774 can track. No assump- tion is made about the input level after the convert command arrives, since the input signal is sampled and conversion begins immediately after the convert command. This means that a convert command can also be used to switch an input multiplexer or change gains on a programmable gain ampli- fier, allowing the input signal to settle before the next acquisition at the end of the conversion. Because aperture jitter is minimized in the Control Mode, a high input fre- quency can be converted without an external sample/hold. In the Emulation Mode, a delay time is introduced between the convert command and the start of conversion to allow the ADS774 enough time to acquire the input signal before converting. This increases the effective aperture delay time from 0.02 µs to 1.6µs, but allows the ADS774 to replace the ADC774 in most circuits without additional changes. In designs where the input to the ADS774 is changing rapidly in the 200ns prior to a convert command, system perfor- mance may be enhanced by delaying the convert command by 200ns. When using the ADS774 in the Emulation Mode to replace existing converters in current designs, a sample/hold ampli- fier often precedes the converter. In these cases, no addi- tional delay in the convert command will be needed. The existing sample/hold will not be slewing excessively when going from the sample mode to the hold mode prior to a conversion. In both modes, as soon as the conversion is completed the internal sample/hold circuit immediately begins slewing to track the input signal. FIGURE 8. Connection to an 8-Bit Bus. Processor DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Converter DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 0 Word 1 Word 2 |
Podobny numer części - ADS774JUE4 |
|
Podobny opis - ADS774JUE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |