Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS774KP Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części ADS774KP
Szczegółowy opis  Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS774KP Arkusz danych(HTML) 1 Page - Texas Instruments

  ADS774KP Datasheet HTML 1Page - Texas Instruments ADS774KP Datasheet HTML 2Page - Texas Instruments ADS774KP Datasheet HTML 3Page - Texas Instruments ADS774KP Datasheet HTML 4Page - Texas Instruments ADS774KP Datasheet HTML 5Page - Texas Instruments ADS774KP Datasheet HTML 6Page - Texas Instruments ADS774KP Datasheet HTML 7Page - Texas Instruments ADS774KP Datasheet HTML 8Page - Texas Instruments ADS774KP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© 1991 Burr-Brown Corporation
PDS-1109F
Printed in U.S.A. July, 1995
ADS774
FEATURES
q REPLACES ADC574, ADC674 AND ADC774
FOR NEW DESIGNS
q COMPLETE SAMPLING A/D WITH
REFERENCE, CLOCK AND
MICROPROCESSOR INTERFACE
q FAST ACQUISITION AND CONVERSION:
8.5
µs max OVER TEMPERATURE
q ELIMINATES EXTERNAL SAMPLE/HOLD
IN MOST APPLICATIONS
q GUARANTEED AC AND DC PERFOR-
MANCE
q SINGLE +5V SUPPLY OPERATION
q LOW POWER: 120mW max
q PACKAGE OPTIONS: 0.6" and 0.3" DIPs,
SOIC
Microprocessor-Compatible Sampling
CMOS ANALOG-to-DIGITAL CONVERTER
Comparator
2.5V Reference
Input
CDAC
10V Range
20V Range
Bipolar Offset
+
2.5V Reference
Output
Control
Inputs
2.5V
Reference
Clock
Successive
Approximation
Register
Control Logic
Status
Parallel
Data
Output
®
DESCRIPTION
The ADS774 is a 12-bit successive approximation
analog-to-digital converter using an innovative
capacitor array (CDAC) implemented in low-power
CMOS technology. This is a drop-in replacement for
ADC574, ADC674, and ADC774 models in most
applications, with internal sampling, much lower power
consumption, and the ability to operate from a single
+5V supply.
The ADS774 is complete with internal clock, micro-
processor interface, three-state outputs, and internal
scaling resistors for input ranges of 0V to +10V, 0V to
+20V,
±5V, or ±10V. The maximum throughput time
is 8.5
µs over the full operating temperature range,
including both acquisition and conversion.
Complete user control over the internal sampling func-
tion facilitates elimination of external sample/hold
amplifiers in most existing designs.
The ADS774 requires +5V, with –15V optional. No
+15V supply is required. Available packages include
0.3" or 0.6" wide 28-pin plastic DIP and 28-pin SOICs.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS774
ADS774
ADS774
SBAS010


Podobny numer części - ADS774KP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS774KP BURR-BROWN-ADS774KP Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Podobny opis - ADS774KP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774H TI1-ADS774H_13 Datasheet
1Mb / 27P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS774 BURR-BROWN-ADS774 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com