Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1120QPWRQ1 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1120QPWRQ1
Szczegółowy opis  Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1120QPWRQ1 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1120QPWRQ1 Datasheet HTML 2Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 3Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 4Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 5Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 6Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 7Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 8Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 9Page - Texas Instruments ADS1120QPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
ADS1120-Q1
SBAS683A – AUGUST 2014 – REVISED OCTOBER 2014
www.ti.com
6.5 Electrical Characteristics
Minimum and maximum specifications apply from TA = –40°C to +125°C. Typical specifications are at TA = 25°C.
All specifications are at AVDD = 3.3 V, AVSS = 0 V, DVDD = 3.3 V, PGA enabled, DR = 20 SPS, and external Vref = 2.5 V
(unless otherwise noted).
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Absolute input current
See the Typical Characteristics
Differential input current
See the Typical Characteristics
SYSTEM PERFORMANCE
Resolution (no missing codes)
16
Bits
Normal mode
20, 45, 90, 175, 330, 600, 1000
SPS
DR
Data rate
Duty-cycle mode
5, 11.25, 22.5, 44, 82.5, 150, 250
SPS
Turbo mode
40, 90, 180, 350, 660, 1200, 2000
SPS
Noise (input-referred)
See the Noise Performance section
Gain = 1, VCM = 0.5 AVDD, best fit
(2)
8
20
ppm
INL
Integral nonlinearity
Gain = 2 to 128, VCM = 0.5 AVDD, best fit
8
ppm
PGA disabled, gain = 1 to 4,
±4
µV
differential inputs
VIO
Input offset voltage
Gain = 1 to 128, differential inputs
±4
µV
PGA disabled, gain = 1 to 4
0.25
µV/°C
Offset drift
Gain = 1 to 128
0.25
µV/°C
PGA disabled, gain = 1 to 4
±0.015%
Gain error
Gain = 1 to 128, TA = 25°C
–0.1%
±0.015%
0.1%
PGA disabled, gain = 1 to 4
1
ppm/°C
Gain drift
Gain = 1 to 128(2)
1
5
ppm/°C
50 Hz ±3%, DR = 20 SPS, external CLK,
105
dB
50/60 bit = 10
60 Hz ±3%, DR = 20 SPS, external CLK,
NMRR
Normal-mode rejection ratio(2)
105
dB
50/60 bit = 11
50 Hz or 60 Hz ±3%, DR = 20 SPS,
90
dB
external CLK, 50/60 bit = 01
At dc, gain = 1
90
105
dB
CMRR
Common-mode rejection ratio
f(CM) = 50 Hz, DR = 2000 SPS
(2)
90
115
dB
f(CM) = 60 Hz, DR = 2000 SPS
(2)
90
115
dB
AVDD at dc, VCM = 0.5 AVDD, gain = 1
80
105
dB
PSRR
Power-supply rejection ratio
DVDD at dc, VCM = 0.5 AVDD, gain = 1
(2)
90
115
dB
INTERNAL VOLTAGE REFERENCE
Initial accuracy
TA = 25°C
2.045
2.048
2.051
V
Reference drift(2)
5
40
ppm/°C
Long-term drift
1000 hours
110
ppm
VOLTAGE REFERENCE INPUTS
Reference input current
REFP0 = Vref, REFN0 = AVSS
±10
nA
INTERNAL OSCILLATOR
Internal oscillator accuracy
Normal mode
–2%
±1%
2%
(1)
PGA disabled means the low-noise PGA is powered down and bypassed. Gains of 1, 2, and 4 are still possible in this case.
See the Bypassing the PGA section for more information.
(2)
Minimum and maximum values are ensured by design and characterization data.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: ADS1120-Q1


Podobny numer części - ADS1120QPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Podobny opis - ADS1120QPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1120 TI1-ADS1120_14 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI-ADS1220 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1220 TI1-ADS1220_14 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit ADC for Small-Signal Sensors
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
ADS1220 TI1-ADS1220_15 Datasheet
2Mb / 71P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, ADC for Small-Signal Sensors
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com