Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1218 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1218
Szczegółowy opis  8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1218 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1218 Datasheet HTML 5Page - Texas Instruments ADS1218 Datasheet HTML 6Page - Texas Instruments ADS1218 Datasheet HTML 7Page - Texas Instruments ADS1218 Datasheet HTML 8Page - Texas Instruments ADS1218 Datasheet HTML 9Page - Texas Instruments ADS1218 Datasheet HTML 10Page - Texas Instruments ADS1218 Datasheet HTML 11Page - Texas Instruments ADS1218 Datasheet HTML 12Page - Texas Instruments ADS1218 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
www.ti.com
TIMING SPECIFICATIONS
t
4
MSB
(Command or Command and Data)
LSB
t
5
t
1
t
3
CS
SCLK
(POL = 0)
D
IN
D
OUT
NOTE: (1) Bit Order = 0.
t
7
MSB(1)
LSB(1)
t
8
t
10
t
2
t
2
t
11
t
6
t
9
SCLK
(POL = 1)
TIMING SPECIFICATION TABLE
ADS1218
SBAS187C – SEPTEMBER 2001 – REVISED SEPTEMBER 2005
SPEC
DESCRIPTION
MIN
MAX
UNIT
t1
SCLK Period
4
tOSC Periods
3
DRDY Periods
t2
SCLK Pulse Width, High and Low
200
ns
t3
CS Low to first SCLK Edge; Setup Time
0
ns
t4
DIN Valid to SCLK Edge; Setup Time
50
ns
t5
Valid DIN to SCLK Edge; Hold Time
50
ns
t6
Delay between last SCLK edge for DIN and first SCLK edge for DOUT:
RDATA, RDATAC, RREG, WREG, RRAM
50
tOSC Periods
CSREG, CSRAMX, CSRAM
200
tOSC Periods
CSARAM, CSARAMX
1100
tOSC Periods
t7(1)
SCLK Edge to Valid New DOUT
50
ns
t8(1)
SCLK Edge to DOUT, Hold Time
0
ns
t9
Last SCLK Edge to DOUT Tri-State
6
10
tOSC Periods
NOTE: DOUT goes tri-state immediately when CS goes High.
t10
CS Low time after final SCLK edge
0
ns
t11
Final SCLK edge of one op code until first edge SCLK of next command:
RREG, WREG, RRAM, WRAM, CSRAMX, CSARAMX, CSRAM, CSARAM,
4
tOSC Periods
CSREG, SLEEP, RDATA, RDATAC, STOPC
DSYNC
16
tOSC Periods
CSFL
33,000
tOSC Periods
CREG, CRAM
220
tOSC Periods
RF2R
1090
tOSC Periods
CREGA
1600
tOSC Periods
WR2F
76,850 (SPEED = 0)
tOSC Periods
101,050 (SPEED = 1)
4
tOSC Periods
SELFGCAL, SELFOCAL, SYSOCAL, SYSGCAL
7
DRDY Periods
SELFCAL
14
DRDY Periods
RESET (Command, SCLK, or Pin)
2640
tOSC Periods
(1)
Load = 20pF | | 10k
Ω to DGND.
9


Podobny numer części - ADS1218

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS1218 BURR-BROWN-ADS1218 Datasheet
459Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Texas Instruments
ADS1218 TI-ADS1218 Datasheet
849Kb / 44P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
ADS1218 TI1-ADS1218 Datasheet
1,004Kb / 45P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
ADS1218Y TI-ADS1218Y Datasheet
849Kb / 44P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Burr-Brown (TI)
ADS1218Y/250 BURR-BROWN-ADS1218Y/250 Datasheet
459Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
More results

Podobny opis - ADS1218

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1218Y TI-ADS1218Y Datasheet
849Kb / 44P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
ADS1218 TI1-ADS1218_14 Datasheet
1,004Kb / 45P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Burr-Brown (TI)
ADS1218 BURR-BROWN-ADS1218 Datasheet
459Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER with FLASH Memory
logo
Texas Instruments
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1216 TI-ADS1216 Datasheet
446Kb / 28P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1258-EP TI1-ADS1258-EP_14 Datasheet
1Mb / 59P
[Old version datasheet]   16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com