Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1196CZXGR Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADS1196CZXGR
Szczegółowy opis  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1196CZXGR Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS1196CZXGR Datasheet HTML 1Page - Texas Instruments ADS1196CZXGR Datasheet HTML 2Page - Texas Instruments ADS1196CZXGR Datasheet HTML 3Page - Texas Instruments ADS1196CZXGR Datasheet HTML 4Page - Texas Instruments ADS1196CZXGR Datasheet HTML 5Page - Texas Instruments ADS1196CZXGR Datasheet HTML 6Page - Texas Instruments ADS1196CZXGR Datasheet HTML 7Page - Texas Instruments ADS1196CZXGR Datasheet HTML 8Page - Texas Instruments ADS1196CZXGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum specifications apply from 0
°C to +70°C. Typical specifications are at +25°C.
All specifications at DVDD = 1.8V, AVDD
– AVSS = 3V, VREF = 2.4V, external fCLK = 2.048MHz, data rate = 500SPS, and
gain = 6, unless otherwise noted.
ADS1194, ADS1196, ADS1198
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM MONITORS
Analog supply reading error
2
%
Digital supply reading error
2
%
From power-up
150
ms
Device wake up
STANDBY mode
9
ms
Temperature sensor reading, voltage
145
mV
Temperature sensor reading, coefficient
490
μV/°C
Test Signal
Signal frequency
See Register Map section for settings
Hz
fCLK/2
21, f
CLK/2
20
Signal voltage
See Register Map section for settings
±1, ±2
mV
Accuracy
±2
%
CLOCK
Nominal frequency
2.048
MHz
Internal oscillator clock frequency
TA = +25°C
0.5
%
0
°C ≤ TA ≤ +70°C
±2
%
Internal oscillator start-up time
20
μs
Internal oscillator power consumption
120
μW
External clock input frequency
CLKSEL pin = 0
0.5
2.048
2.25
MHz
DIGITAL INPUT/OUTPUT (DVDD = 1.65V to 3.6V)
VIH
0.8DVDD
DVDD + 0.1
V
VIL
–0.1
0.2DVDD
V
Logic level
VOH
IOH = –500μA
DVDD
– 0.4
V
VOL
IOL = +500μA
0.4
V
Input current (IIN)
0V
< VDigitalInput < DVDD
–10
+10
μA
POWER-SUPPLY REQUIREMENTS
Analog supply (AVDD
– AVSS)
2.7
3
5.25
V
Digital supply (DVDD)
1.65
1.8
3.6
V
AVDD
– DVDD
–2.1
3.6
V
SUPPLY CURRENT (RLD, WCT, and Pace Amplifiers Turned Off)
AVDD
– AVSS = 3V
1.3
mA
IAVDD
AVDD
– AVSS = 5V
1.6
mA
Normal mode (ADS1198)
DVDD = 3.0V
0.5
mA
IDVDD
DVDD = 1.8V
0.3
mA
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Podobny numer części - ADS1196CZXGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1196CZXGR TI-ADS1196CZXGR Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
More results

Podobny opis - ADS1196CZXGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com