Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1198CPAGR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1198CPAGR
Szczegółowy opis  Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1198CPAGR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS1198CPAGR Datasheet HTML 7Page - Texas Instruments ADS1198CPAGR Datasheet HTML 8Page - Texas Instruments ADS1198CPAGR Datasheet HTML 9Page - Texas Instruments ADS1198CPAGR Datasheet HTML 10Page - Texas Instruments ADS1198CPAGR Datasheet HTML 11Page - Texas Instruments ADS1198CPAGR Datasheet HTML 12Page - Texas Instruments ADS1198CPAGR Datasheet HTML 13Page - Texas Instruments ADS1198CPAGR Datasheet HTML 14Page - Texas Instruments ADS1198CPAGR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
ADS1194, ADS1196
ADS1198
www.ti.com
SBAS471C
– APRIL 2010 – REVISED NOVEMBER 2011
PAG PIN ASSIGNMENTS (continued)
NAME
TERMINAL
FUNCTION
DESCRIPTION
TESTP_PACE_OUT1
17
Analog input/buffer output
Internal test signal/single-ended buffer output based on register settings
TESTN_PACE_OUT2
18
Analog input/output
Internal test signal/single-ended buffer output based on register settings
AVDD
19
Supply
Analog supply
AVSS
20
Supply
Analog ground
AVDD
21
Supply
Analog supply
AVDD
22
Supply
Analog supply
AVSS
23
Supply
Analog ground
VREFP
24
Analog input/output
Positive reference voltage
VREFN
25
Analog input
Negative reference voltage
VCAP4
26
Analog output
Analog bypass capacitor
NC
27
No connection; leave floating
VCAP1
28
Analog bypass capacitor
NC
29
No connection; leave floating
VCAP2
30
Analog bypass capacitor
RESV1
31
Digital input
Reserved for future use; must tie to logic low (DGND)
AVSS
32
Supply
Analog ground
DGND
33
Supply
Digital ground
DIN
34
Digital input
SPI data in
PWDN
35
Digital input
Power-down; active low
RESET
36
Digital input
System reset; active low
CLK
37
Digital input/output
External master clock input or internal clock output
START
38
Digital input
Start conversion
CS
39
Digital input
SPI chip select; active low
SCLK
40
Digital input
SPI clock
DAISY_IN
41
Digital input
Daisy-chain input. If not used, short to logic zero (DGND).
GPIO1
42
Digital input/output
General-purpose input/output pin
DOUT
43
Digital output
SPI data out
GPIO2
44
Digital input/output
General-purpose input/output pin
GPIO3
45
Digital input/output
General-purpose input/output pin
GPIO4
46
Digital input/output
General-purpose input/output pin
DRDY
47
Digital output
Data ready; active low
DVDD
48
Supply
Digital power supply
DGND
49
Supply
Digital ground
DVDD
50
Supply
Digital power supply
DGND
51
Supply
Digital ground
CLKSEL
52
Digital input
Master clock select
AVSS1
53
Supply
Analog ground
AVDD1
54
Supply
Analog supply
VCAP3
55
Analog
Analog bypass capacitor, internally generated AVDD + 1.9V
AVDD
56
Supply
Analog supply
AVSS
57
Supply
Analog ground
AVSS
58
Supply
Analog ground for charge pump
AVDD
59
Supply
Analog supply for charge pump
RLDREF
60
Analog input
Right leg drive noninverting input
RLDINV
61
Analog input/output
Right leg drive inverting input
RLDIN
62
Analog input
Right leg drive input to MUX
RLDOUT
63
Analog output
Right leg drive output
WCT
64
Analog output
Wilson Center Terminal output
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS1194 ADS1196 ADS1198


Podobny numer części - ADS1198CPAGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1198CPAGR TI-ADS1198CPAGR Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
More results

Podobny opis - ADS1198CPAGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_11 Datasheet
1Mb / 87P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com