Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1278HPAP Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1278HPAP
Szczegółowy opis  OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278HPAP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS1278HPAP Datasheet HTML 3Page - Texas Instruments ADS1278HPAP Datasheet HTML 4Page - Texas Instruments ADS1278HPAP Datasheet HTML 5Page - Texas Instruments ADS1278HPAP Datasheet HTML 6Page - Texas Instruments ADS1278HPAP Datasheet HTML 7Page - Texas Instruments ADS1278HPAP Datasheet HTML 8Page - Texas Instruments ADS1278HPAP Datasheet HTML 9Page - Texas Instruments ADS1278HPAP Datasheet HTML 10Page - Texas Instruments ADS1278HPAP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ADS1278-HT
www.ti.com
SBAS447E – MARCH 2009 – REVISED APRIL 2013
Table 3. PAP PIN DESCRIPTIONS (continued)
PIN
NAME
NO.
FUNCTION
DESCRIPTION
DOUT5
16
Digital output
DOUT6
15
Digital output
DOUT7
14
Digital output
DOUT8
13
Digital output
DRDY/
29
Digital input/output
Frame-Sync protocol: frame clock input; SPI protocol: data ready output.
FSYNC
DVDD
26
Digital power supply
Digital core power supply.
FORMAT0
32
Digital input
FORMAT[2:0] Selects Frame-Sync/SPI protocol, TDM/discrete data outputs,
FORMAT1
31
Digital input
fixed/dynamic position TDM data, and modulator mode/normal operating mode.
FORMAT2
30
Digital input
IOVDD
22, 23
Digital power supply
I/O power supply (+1.65V to +3.6V).
MODE0
34
Digital input
MODE[1:0] Selects High-Speed, High-Resolution, Low-Power, or Low-Speed
mode operation.
MODE1
33
Digital input
PWDN1
42
Digital input
PWDN2
41
Digital input
PWDN3
40
Digital input
PWDN4
39
Digital input
PWDN[8:1] Power-down control for channels 8 through 1.
PWDN5
38
Digital input
PWDN6
37
Digital input
PWDN7
36
Digital input
PWDN8
35
Digital input
SCLK
28
Digital input/output
Serial clock input, Modulator clock output.
SYNC
11
Digital input
Synchronize input (all channels).
TEST0
8
Digital input
TEST[1:0] Test mode select:
01 = Do not use
00 = Normal operation
10 = Do not use
11 = Test mode
TEST1
9
Digital input
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADS1278-HT


Podobny numer części - ADS1278HPAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1278HFQ/EM TI1-ADS1278HFQ/EM Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
More results

Podobny opis - ADS1278HPAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274 Datasheet
1Mb / 51P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
ADS1274 TI1-ADS1274_14 Datasheet
1Mb / 52P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS1274 BURR-BROWN-ADS1274 Datasheet
1Mb / 49P
   Quad/Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
logo
Texas Instruments
ADS1278-SP TI1-ADS1278-SP Datasheet
1Mb / 57P
[Old version datasheet]   Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
ADS1174 TI-ADS1174 Datasheet
1Mb / 35P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
ADS1174 TI1-ADS1174_14 Datasheet
1Mb / 40P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com