Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1100A3IDBVTG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1100A3IDBVTG4
Szczegółowy opis  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100A3IDBVTG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button ADS1100A3IDBVTG4 Datasheet HTML 6Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 7Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 8Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 9Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 10Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 11Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 12Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 13Page - Texas Instruments ADS1100A3IDBVTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADS1100
10
SBAS239B
www.ti.com
When read in single conversion mode, ST/BSY indicates whether
the A/D converter is busy taking a conversion. If ST/BSY is read
as 1, the A/D converter is busy, and a conversion is taking
place; if 0, no conversion is taking place, and the result of the
last conversion is available in the output register.
In continuous mode, ST/BSY is always read as 1.
Bits 6-5: Reserved
Bits 6 and 5 must be set to zero.
Bit 4: SC
SC controls whether the ADS1100 is in continuous conver-
sion or single conversion mode. When SC is 1, the ADS1100
is in single conversion mode; when SC is 0, the ADS1100 is
in continuous conversion mode. The default setting is 0.
Bits 3-2: DR
Bits 3 and 2 control the ADS1100’s data rate, as shown in
Table VI.
Bits 1-0: PGA
Bits 1 and 0 control the ADS1100’s gain setting, as shown in
Table VII.
READING FROM THE ADS1100
You can read the output register and the contents of the
configuration register from the ADS1100. To do this, address
the ADS1100 for reading, and read three bytes from the
device. The first two bytes are the output register’s contents;
the third byte is the configuration register’s contents.
You do not always have to read three bytes from the
ADS1100. If you want only the contents of the output regis-
ter, read only two bytes.
Reading more than three bytes from the ADS1100 has no
effect. All of the bytes beginning with the fourth will be FFH.
See Figure 2 for a timing diagram of an ADS1100 read
operation.
WRITING TO THE ADS1100
You can write new contents into the configuration register
(you cannot change the contents of the output register). To
do this, address the ADS1100 for writing, and write one byte
to it. This byte is written into the configuration register.
Writing more than one byte to the ADS1100 has no effect.
The ADS1100 will ignore any bytes sent to it after the first
one, and it will only acknowledge the first byte.
See Figure 3 for a timing diagram of an ADS1100 write
operation.
DR1
DR0
DATA RATE
0
0
128SPS
0
1
32SPS
1
0
16SPS
1(1)
1(1)
8SPS(1)
NOTE: (1) Default Setting.
TABLE VI. DR Bits.
PGA1
PGA0
GAIN
0(1)
0(1)
1(1)
01
2
10
4
11
8
NOTE: (1) Default Setting.
TABLE VII. PGA Bits.


Podobny numer części - ADS1100A3IDBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1100A3IDBVTG4 TI1-ADS1100A3IDBVTG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results

Podobny opis - ADS1100A3IDBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com