Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1282HIPW Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1282HIPW
Szczegółowy opis   Radiation Tolerant High-Resolution Delta Sigma ADC
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1282HIPW Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS1282HIPW Datasheet HTML 5Page - Texas Instruments ADS1282HIPW Datasheet HTML 6Page - Texas Instruments ADS1282HIPW Datasheet HTML 7Page - Texas Instruments ADS1282HIPW Datasheet HTML 8Page - Texas Instruments ADS1282HIPW Datasheet HTML 9Page - Texas Instruments ADS1282HIPW Datasheet HTML 10Page - Texas Instruments ADS1282HIPW Datasheet HTML 11Page - Texas Instruments ADS1282HIPW Datasheet HTML 12Page - Texas Instruments ADS1282HIPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
9
ADS1282-SP
www.ti.com
SBAS691 – MARCH 2016
Product Folder Links: ADS1282-SP
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Timing Requirements (continued)
At TA = –55°C to 125°C and DVDD = 1.65 to 3.6 V, unless otherwise noted.
MIN
MAX
UNIT
tSCDL
Final SCLK rising edge of command to first SCLK rising edge for register
read/write data
24
1 / ƒCLK
(1)
Continuous-Sync mode; a free-running SYNC clock input without causing re-synchronization.
7.6 Pulse-Sync Timing Requirements
See Figure 46 and Figure 47 for timing diagrams.
MIN
MAX
UNIT
tSYNC
SYNC period(1)
1
Infinite
n / ƒDATA
tCSHD
CLK to SYNC hold time to not latch on CLK edge
10
ns
tSCSU
SYNC to CLK setup time to latch on CLK edge
10
ns
tSPWH, L
SYNC pulse width, high or low
2
1 / ƒCLK
tDR
Time for data ready (SINC filter)
See Device Support, Table 21
Time for data ready (FIR filter)
62.98046875 / ƒDATA + 466 / ƒCLK
7.7 Reset Timing Requirements
See Figure 48 for timing diagram.
MIN
MAX
UNIT
tCRHD
CLK to RESET hold time
10
ns
tRCSU
RESET to CLK setup time
10
ns
tRST
RESET low
2
1 / ƒCLK
tDR
Time for data ready
62.98046875 / ƒDATA + 468 / ƒCLK
s
(1)
Load on DOUT = 20 pF || 100 k
Ω.
7.8 Read Data Timing Requirements
MIN
MAX
UNIT
tDDPD
DRDY to valid MSB on DOUT propagation delay (see Figure 54)(1)
100
ns
tDR
Time for new data after data read command (see Figure 55)
0
1
ƒDATA
(1)
At DC. See Figure 42.
7.9 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Group delay(1)
Minimum phase filter
5 / ƒDATA
s
Linear phase filter
31 / ƒDATA
s
Settling time
(latency)
Minimum phase filter
62 / ƒDATA
s
Linear phase filter
62 / ƒDATA
s


Podobny numer części - ADS1282HIPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282HPW TI1-ADS1282HPW Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1282HPW TI1-ADS1282HPW Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
More results

Podobny opis - ADS1282HIPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1282-HT TI1-ADS1282-HT_16 Datasheet
1Mb / 59P
[Old version datasheet]   High-Temperature High-Resolution Delta Sigma ADC
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
[Old version datasheet]   ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
   24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
   1bit Delta-Sigma Stereo ADC
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
   Sigma-Delta ADC with PGA
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
   20-bit Sigma-Delta ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Core Technology (Shenzh...
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
   24-bit Sigma-Delta ADC
CS1232 CHIPSEA-CS1232 Datasheet
685Kb / 23P
   24-bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com