Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1100A4IDBVRG4 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1100A4IDBVRG4
Szczegółowy opis  Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1100A4IDBVRG4 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS1100A4IDBVRG4 Datasheet HTML 2Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 3Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 4Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 5Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 6Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 7Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 8Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 9Page - Texas Instruments ADS1100A4IDBVRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADS1100
6
SBAS239B
www.ti.com
THEORY OF OPERATION
The ADS1100 is a fully differential, 16-bit, self-calibrating,
delta-sigma A/D converter. Extremely easy to design with
and configure, the ADS1100 allows you to obtain precise
measurements with a minimum of effort.
The ADS1100 consists of a delta-sigma A/D converter core with
adjustable gain, a clock generator, and an I2C interface. Each of
these blocks are described in detail in the sections that follow.
ANALOG-TO-DIGITAL CONVERTER
The ADS1100 A/D converter core consists of a differential
switched-capacitor delta-sigma modulator followed by a digital
filter. The modulator measures the voltage difference between
the positive and negative analog inputs and compares it to a
reference voltage, which, in the ADS1100, is the power
supply. The digital filter receives a high-speed bitstream from
the modulator and outputs a code, which is a number
proportional to the input voltage.
OUTPUT CODE CALCULATION
The output code is a scalar value that is (except for clipping)
proportional to the voltage difference between the two analog
inputs. The output code is confined to a finite range of numbers;
this range depends on the number of bits needed to represent the
code. The number of bits needed to represent the output code for
the ADS1100 depends on the data rate, as shown in Table I.
TYPICAL CHARACTERISTICS (Cont.)
At TA = 25°C and VDD = 5V, unless otherwise noted.
V
DD = 2.7V
V
DD = 5V
10
9
8
7
6
DATA RATE vs TEMPERATURE
–60
–40
–20
0
20
40
60
80
100
120
140
Temperature (
°C)
Data Rate = 8SPS
0
–20
–40
–60
–80
–100
FREQUENCY RESPONSE
0.1
1
10
100
1k
Input Frequency (Hz)
Data Rate = 8SPS
DATA RATE
NUMBER OF BITS
MINIMUM CODE MAXIMUM CODE
8SPS
16
–32,768
32,767
16SPS
15
–16,384
16,383
32SPS
14
–8192
8191
128SPS
12
–2048
2047
TABLE I. Minimum and Maximum Codes.
For a minimum output code of Min Code, gain setting of
PGA, positive and negative input voltages of VIN+ and VIN–,
and power supply of VDD, the output code is given by the
expression:
Output Code = –1• Min Code • PGA •
V
IN+
( ) ( )
V
V
IN
DD
In the previous expression, it is important to note that the
negated
minimum output code is used. The ADS1100 outputs codes in
binary two’s complement format, so the absolute values of the
minima and maxima are not the same; the maximum n-bit code
is 2n-1 – 1, while the minimum n-bit code is –1 • 2n-1.
For example, the ideal expression for output codes with a
data rate of 16SPS and PGA = 2 is:
Output Code = 16384 • 2 •
V
IN+
( ) ( )
V
V
IN
DD
The ADS1100 outputs all codes right-justified and sign-
extended. This makes it possible to perform averaging on the
higher data rate codes using only a 16-bit accumulator.
See Table II for output codes for various input levels.
SELF-CALIBRATION
The previous expressions for the ADS1100’s output code do
not account for the gain and offset errors in the modulator. To
compensate for these, the ADS1100 incorporates self-cali-
bration circuitry.
The self-calibration system operates continuously, and re-
quires no user intervention. No adjustments can be made to
the self-calibration system, and none need to be made. The
self-calibration system cannot be deactivated.
The offset and gain error figures shown in the Electrical
Characteristics include the effects of calibration.


Podobny numer części - ADS1100A4IDBVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1100A4IDBVRG4 TI1-ADS1100A4IDBVRG4 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100A4IDBVRG4 TI1-ADS1100A4IDBVRG4 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
More results

Podobny opis - ADS1100A4IDBVRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com