Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS4245MRGC25EP Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS4245MRGC25EP
Szczegółowy opis  ADS4245-EP Dual-Channel, 14-Bit, 125MSPS Ultralow-Power ADC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4245MRGC25EP Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS4245MRGC25EP Datasheet HTML 7Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 8Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 9Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 10Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 11Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 12Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 13Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 14Page - Texas Instruments ADS4245MRGC25EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
ADS4245-EP
www.ti.com
SBAS653 – APRIL 2014
7.6
Electrical Characteristics: General
Typical values are at +25°C, AVDD = 1.8V, DRVDD = 1.8V, 50% clock duty cycle, and –1dBFS differential analog input
(unless otherwise noted). Minimum and maximum values are across the recommended operating condition (unless otherwise
noted), AVDD = 1.8V, and DRVDD = 1.8V.
PARAMETER
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range (0dB gain)
2
VPP
Differential input resistance (at 200MHz)
0.75
k
Ω
Differential input capacitance (at 200MHz)
3.7
pF
Analog input bandwidth
550
MHz
(with 50
Ω source impedance, and 50Ω termination)
Analog input common-mode current
1.5
µA/MSPS
(per input terminal of each channel)
Common-mode output voltage
VCM
0.95
V
VCM output current capability
4
mA
DC ACCURACY
Offset error
–25
2.5
25
mV
Temperature coefficient of offset error
0.003
mV/°C
Gain error as a result of internal reference inaccuracy alone
EGREF
–4
4
%FS
Gain error of channel alone
EGCHAN
±0.1
%FS
Temperature coefficient of EGCHAN
0.002
Δ%/°C
POWER SUPPLY
IAVDD
105
130
mA
Analog supply current
IDRVDD
Output buffer supply current
99
120
mA
LVDS interface, 350mV swing with 100
Ω external termination, fIN = 2.5MHz
IDRVDD
Output buffer supply current
49
mA
CMOS interface, no load capacitance
(1)
fIN = 2.5MHz
Analog power
189
mW
Digital power
179
mW
LVDS interface, 350mV swing with 100
Ω external termination, fIN = 2.5MHz
Digital power
CMOS interface, no load capacitance
(1)
88
mW
fIN = 2.5MHz
Global power-down
25
mW
(1)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output terminals, input frequency, and
the supply voltage (see the CMOS Interface Power Dissipation section in the Application Information).
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS4245-EP


Podobny numer części - ADS4245MRGC25EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4245 TI1-ADS4245 Datasheet
3Mb / 97P
[Old version datasheet]   Dual-Channel, 12-/14-Bit, 65/125/160MSPS Ultralow-Power ADC
MARCH2011
ADS4245 TI1-ADS4245 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4245 TI-ADS4245 Datasheet
902Kb / 66P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC with Analog Input Buffer
ADS4245 TI1-ADS4245 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4245 TI1-ADS4245 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
More results

Podobny opis - ADS4245MRGC25EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS4122 TI1-ADS4122_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4145 TI1-ADS4145_14 Datasheet
2Mb / 82P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
ADS4122 TI1-ADS4122 Datasheet
2Mb / 81P
[Old version datasheet]   14-/12-Bit, 65/125MSPS, Ultralow-Power ADC
MARCH2011
logo
Linear Technology
LTC2285 LINER-LTC2285_15 Datasheet
585Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
LTC2285 LINER-LTC2285 Datasheet
583Kb / 24P
   Dual 14-Bit, 125Msps Low Power 3V ADC
logo
Texas Instruments
ADS4249 TI1-ADS4249 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
ADS4249 TI1-ADS4249_16 Datasheet
1Mb / 74P
[Old version datasheet]   Dual-Channel, 14-Bit, 250-MSPS Ultralow-Power ADC
logo
Renesas Technology Corp
ISLA224P12 RENESAS-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Intersil Corporation
ISLA224P12 INTERSIL-ISLA224P12 Datasheet
1Mb / 32P
   High Performance Dual 14-Bit, 125MSPS ADC
logo
Texas Instruments
ADS41B25 TI1-ADS41B25 Datasheet
1Mb / 57P
[Old version datasheet]   12-Bit, 125MSPS, Ultralow-Power ADC with Analog Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com