Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC11286D Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74AC11286D
Szczegółowy opis  9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11286D Arkusz danych(HTML) 1 Page - Texas Instruments

  74AC11286D Datasheet HTML 1Page - Texas Instruments 74AC11286D Datasheet HTML 2Page - Texas Instruments 74AC11286D Datasheet HTML 3Page - Texas Instruments 74AC11286D Datasheet HTML 4Page - Texas Instruments 74AC11286D Datasheet HTML 5Page - Texas Instruments 74AC11286D Datasheet HTML 6Page - Texas Instruments 74AC11286D Datasheet HTML 7Page - Texas Instruments 74AC11286D Datasheet HTML 8Page - Texas Instruments 74AC11286D Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74AC11286
9-BIT PARITY GENERATOR/CHECKER
WITH BUS DRIVER PARITY I/O PORTS
SCAS068A – AUGUST 1988 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
2–1
Generates Either Odd or Even Parity for
Nine Data Lines
Cascadable for n-Bits Parity
Direct Bus Connection for Parity
Generation or for Checking by Using the
Parity I/O Port
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The 74AC11286 universal 9-bit parity generator/checker features a local output for parity checking and a
bus-driving parity I/O port for parity generation/checking. The word-length capability is easily expanded by
cascading.
The XMIT control input is implemented specifically to accommodate cascading. When the XMIT is low, the parity
tree is disabled and the PARITY ERROR output will remain at a high logic level regardless of the input levels.
When XMIT is high, the parity tree is enabled. The PARITY ERROR output will indicate a parity error when either
an even number of inputs (A through I) are high and PARITY I/O is forced to a low logic level, or when an odd
number of inputs are high and PARITY I/O is forced to a high logic level.
The I/O control circuitry was designed so that the I/O port will remain in the high-impedance state during power
up or power down to prevent bus glitches.
The 74AC11286 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
NUMBER OF INPUTS
(A THRU I) THAT
ARE HIGH
XMIT
INPUT
PARITY
I/O
PARITY
ERROR
OUTPUT
0, 2, 4, 6, 8
l
H
H
1, 3, 5, 7, 9
l
L
H
02468
h
h
H
0, 2, 4, 6, 8
h
l
L
13579
h
h
L
1, 3, 5, 7, 9
h
l
H
h — high input level
l — low input level
H — high output level
L — low output level
1
2
3
4
5
6
7
14
13
12
11
10
9
8
B
A
PARITY I/O
GND
PARITY ERROR
XMIT
I
C
D
E
VCC
F
G
H
D OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Podobny numer części - 74AC11286D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AC11286D PHILIPS-74AC11286D Datasheet
181Kb / 7P
   9-bit odd/even parity generator/checker with bus drive l/O port
October 17 1990
logo
Texas Instruments
74AC11286DR TI-74AC11286DR Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
More results

Podobny opis - 74AC11286D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11286 TI-74AC11286 Datasheet
94Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
74ACT11286 TI-74ACT11286 Datasheet
99Kb / 6P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER WITH BUS DRIVER PARITY I/O PORTS
logo
Fairchild Semiconductor
DM74AS286 FAIRCHILD-DM74AS286 Datasheet
64Kb / 7P
   9-Bit Parity Generator/Checker with Bus-Driver Parity I/O Port
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
   9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
   9-Bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com