Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC11648NT Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części 74AC11648NT
Szczegółowy opis  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11648NT Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button 74AC11648NT Datasheet HTML 2Page - Texas Instruments 74AC11648NT Datasheet HTML 3Page - Texas Instruments 74AC11648NT Datasheet HTML 4Page - Texas Instruments 74AC11648NT Datasheet HTML 5Page - Texas Instruments 74AC11648NT Datasheet HTML 6Page - Texas Instruments 74AC11648NT Datasheet HTML 7Page - Texas Instruments 74AC11648NT Datasheet HTML 8Page - Texas Instruments 74AC11648NT Datasheet HTML 9Page - Texas Instruments 74AC11648NT Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74AC11648
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS114 − MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−6
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 2)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
40
0
40
MHz
tw
Pulse duration, CLK high or low
12.5
12.5
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
6.5
6.5
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
0
0
ns
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 2)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
90
0
90
MHz
tw
Pulse duration, CLK high or low
5.6
5.6
ns
tsu
Setup time, A or B before CLKAB
↑ or CLKBA↑
4.5
4.5
ns
th
Hold time, A or B after CLKAB
↑ or CLKBA↑
1
1
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
40
40
MHz
tPLH
A or B
B or A
3
8.7
12.6
3
14.3
ns
tPHL
A or B
B or A
3.8
9.3
14.4
3.8
15.9
ns
tPZH
OE
A or B
5
11.1
17.2
5
19.4
ns
tPZL
OE
A or B
5.2
12.8
20.5
5.2
23
ns
tPHZ
OE
A or B
4.1
7.2
9.9
4.1
10.6
ns
tPLZ
OE
A or B
3.7
6.5
9.1
3.7
9.7
ns
tPLH
CLKBA or CLKAB
A or B
4.3
10.1
15.6
4.3
17.6
ns
tPHL
CLKBA or CLKAB
A or B
5.2
11.5
17.6
5.2
19.4
ns
tPLH
SBA or SAB†
A or B
3.7
9.1
14.1
3.7
15.8
ns
tPHL
SBA or SAB†
(A or B high)
A or B
4.5
10.3
15.9
4.5
17.4
ns
tPLH
SBA or SAB†
A or B
3.2
8.6
13.6
3.2
15.3
ns
tPHL
SBA or SAB†
(A or B low)
A or B
4.6
10.3
15.6
4.6
17.1
ns
tPZH
DIR
A or B
4.9
11.6
18.2
4.9
20.6
ns
tPZL
DIR
A or B
5.2
14.2
21.6
5.2
24.3
ns
tPHZ
DIR
A or B
3.8
7.1
10.1
3.8
10.9
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.


Podobny numer części - 74AC11648NT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11648NT TI-74AC11648NT Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

Podobny opis - 74AC11648NT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com