Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS821 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS821
Szczegółowy opis  ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS821 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS821_14 Datasheet HTML 3Page - Texas Instruments ADS821_14 Datasheet HTML 4Page - Texas Instruments ADS821_14 Datasheet HTML 5Page - Texas Instruments ADS821_14 Datasheet HTML 6Page - Texas Instruments ADS821_14 Datasheet HTML 7Page - Texas Instruments ADS821_14 Datasheet HTML 8Page - Texas Instruments ADS821_14 Datasheet HTML 9Page - Texas Instruments ADS821_14 Datasheet HTML 10Page - Texas Instruments ADS821_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
ADS821
7
SBAS040B
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 40MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
SPURIOUS-FREE DYNAMIC RANGE vs
TEMPERATURE
Temperature (
°C)
80
70
60
50
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 12MHz
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Temperature (
°C)
60
59
58
57
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 12MHz
SIGNAL-TO-(NOISE + DISTORTION) vs TEMPERATURE
Temperature (
°C)
59
58
57
56
–50
–25
0
25
50
75
100
f
IN = 500kHz
f
IN = 10MHz
SUPPLY CURRENT vs TEMPERATURE
Temperature (
°C)
67
66
65
–50
–25
0
25
50
75
100
POWER DISSIPATION vs TEMPERATURE
Temperature (
°C)
335
330
325
–50
–25
0
25
50
75
100
75
70
65
60
55
70
DYNAMIC PERFORMANCE vs
DIFFERENTIAL FULL-SCALE INPUT RANGE
23
4
Differential Full-Scale Input Range (Vp-p)
SNR (f
IN = 500kHz)
SNR (f
IN = 12MHz)
SFDR (f
IN = 12MHz)
SFDR (f
IN = 500kHz)
NOTE: REFT
EXT varied, REFB is fixed at internal
value of +1.25V.


Podobny numer części - ADS821_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS821E BURR-BROWN-ADS821E Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821E/1K BURR-BROWN-ADS821E/1K Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821U BURR-BROWN-ADS821U Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS821_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com