Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS805U Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części ADS805U
Szczegółowy opis  ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS805U Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS805U Datasheet HTML 1Page - Texas Instruments ADS805U Datasheet HTML 2Page - Texas Instruments ADS805U Datasheet HTML 3Page - Texas Instruments ADS805U Datasheet HTML 4Page - Texas Instruments ADS805U Datasheet HTML 5Page - Texas Instruments ADS805U Datasheet HTML 6Page - Texas Instruments ADS805U Datasheet HTML 7Page - Texas Instruments ADS805U Datasheet HTML 8Page - Texas Instruments ADS805U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADS805
2
SBAS073B
www.ti.com
+VS ....................................................................................................... +6V
Analog Input ............................................................. –0.3V to (+VS) + 0.3V
Logic Input ............................................................... –0.3V to (+VS) + 0.3V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ADS805E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
12 Bits Tested
SPECIFIED TEMPERATURE RANGE
–40 to +85
°C
CONVERSION CHARACTERISTICS
Sample Rate
10k
20M
Samples/s
Data Latency
6
Clk Cycles
ANALOG INPUT
Standard Single-Ended Input Range
1.5
3.5
V
Optional Single-Ended Input Range
0
5
V
Standard Common-Mode Voltage
2.5
V
Standard Optional Common-Mode Voltage
1
V
Input Capacitance
20
pF
Analog Input Bandwidth
–3dBFS Input
270
MHz
DYNAMIC CHARACTERISTICS
Differential Linearity Error (Largest Code Error)
f = 500kHz
±0.25
±0.75
LSB
No Missing Codes
Tested
Spurious-Free Dynamic Range(1)
f = 9.8MHz
65
74
dBFS(2)
2-Tone Intermodulation Distortion(3)
f = 7.7MHz and 7.9MHz (–7dB each tone)
–70
dBc
Signal-to-Noise Ratio (SNR)
f = 9.8MHz
63
68
dBFS
Signal-to-(Noise + Distortion) (SINAD)
f = 9.8MHz
62
66
dBFS
Effective Number of Bits at 9.8MHz(4)
10.7
Bits
Input Referred Noise
0V to 5V Input
0.09
LSBs rms
1.5V to 3.5V Input
0.23
LSBs rms
Integral Nonlinearity Error
f = 500kHz
±1
±2LSB
Aperture Delay Time
3ns
Aperture Jitter
4
ps rms
Over-Voltage Recovery Time
1.5x FS Input
2
ns
Full-Scale Step Acquisition Time
20
ns
ELECTRICAL CHARACTERISTICS
At TA = full specified temperature range, VS = +5V, specified input range = 1.5V to 3.5V, and single-ended input and sampling rate = 20MHz, unless otherwise specified.
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to full-scale. (3) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope. (4) Effective
number of bits (ENOB) is defined by (SINAD – 1.76)/6.02. (5) Internal 50k
Ω pull-down resistor. (6) Includes internal reference. (7) Excludes internal reference.
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER(2)
MEDIA, QUANTITY
ADS805
SSOP-28
DB
–40
°C to +85°C
ADS805E
ADS805E
Rails, 48
"
"""
"
ADS805E/1K
Tape and Reel, 1000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.


Podobny numer części - ADS805U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS805U BURR-BROWN-ADS805U Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805U TI1-ADS805U Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805U1K TI1-ADS805U1K Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS805U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com